Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT15SM-24 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CT15SM-24
Description  GENERAL INVERTER . UPS USE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CT15SM-24 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CT15SM-24 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CT15SM-24 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CT15SM-24 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Feb.1999
CT15SM-24
1200
±20
±30
15
30
250
–40 ~ +150
–40 ~ +150
4.8
V
V
V
A
A
W
°C
°C
g
¡VCES ............................................................................. 1200V
¡IC ......................................................................................... 15A
¡High Speed Switching
¡Low VCE Saturation Voltage
15.9MAX.
4.5
1.5
φ 3.2
2
1.0
5.45
4.4
0.6
2.8
qw
e
5.45
4
r
q GATE
w COLLECTOR
e EMITTER
r COLLECTOR
wr
q
e
VCES
VGES
VGEM
IC
ICM
PC
Tj
Tstg
OUTLINE DRAWING
Dimensions in mm
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT15SM-24
GENERAL INVERTER • UPS USE
APPLICATION
AC & DC motor controls, General purpose invert-
ers, UPS, Power supply switching, Servo controls,
etc.
TO-3P
Conditions
Symbol
Collector-emitter voltage
Gate-emitter voltage
Peak gate-emitter voltage
Collector current
Collector current (Pulsed)
Maximum power dissipation
Junction temperature
Storage temperature
Weight
MAXIMUM RATINGS (Tc = 25°C)
Parameter
Ratings
Unit
VGE = 0V
VCE = 0V
VCE = 0V
Typical value


Similar Part No. - CT15SM-24

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT15SM-24 POWEREX-CT15SM-24 Datasheet
41Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT15SM-24 RENESAS-CT15SM-24 Datasheet
65Kb / 4P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
CT15SM-24 RENESAS-CT15SM-24_15 Datasheet
88Kb / 6P
   GENERAL INVERTER ??UPS USE
More results

Similar Description - CT15SM-24

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT15SM-24 POWEREX-CT15SM-24 Datasheet
41Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT75AM-12 RENESAS-CT75AM-12_15 Datasheet
89Kb / 6P
   GENERAL INVERTER ??UPS USE
logo
Powerex Power Semicondu...
CT75AM-12 POWEREX-CT75AM-12 Datasheet
42Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT15SM-24 RENESAS-CT15SM-24_15 Datasheet
88Kb / 6P
   GENERAL INVERTER ??UPS USE
CT30SM-12 RENESAS-CT30SM-12_15 Datasheet
88Kb / 6P
   GENERAL INVERTER ??UPS USE
logo
Mitsubishi Electric Sem...
CT75AM-12 MITSUBISHI-CT75AM-12 Datasheet
38Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Powerex Power Semicondu...
CT30SM-12 POWEREX-CT30SM-12 Datasheet
40Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Mitsubishi Electric Sem...
CT30SM-12 MITSUBISHI-CT30SM-12 Datasheet
36Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT15SM-24 RENESAS-CT15SM-24 Datasheet
65Kb / 4P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
CT75AM-12 RENESAS-CT75AM-12 Datasheet
65Kb / 4P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com