Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT572D940HF Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT572D940HF
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  745 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF Datasheet(HTML) 3 Page - ATMEL Corporation

  AT572D940HF_08 Datasheet HTML 1Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 2Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 3Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 4Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 5Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 6Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 7Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 8Page - ATMEL Corporation AT572D940HF_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 745 page
background image
3
7010A–DSP–07/08
AT572D940HF Preliminary
IEEE 1149.1 JTAG Boundary Scan on All Digital Pins
Required Power Supplies:
– 1.1V / 1.2V for VDDCORE and VDDOSC
– 3.3V for VDDPLLA
– 3.3V for VDDIOP (Peripheral I/Os) and for VDDIOM (Memory I/Os)
Available in 324-ball CABGA Package
Efficient ARM - DSP Interface through AHB master and slave ports, Memory Mapped Registers and Ports, Interrupt Lines and
Semaphores


Similar Part No. - AT572D940HF_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_14 Datasheet
319Kb / 39P
   High Performance MagicV VLIW DSP
AT572D940HF ATMEL-AT572D940HF_14 Datasheet
3Mb / 745P
   High Performance MagicV VLIW DSP
More results

Similar Description - AT572D940HF_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com