Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP3217BA0 Datasheet(PDF) 6 Page - FIDELIX

Part # FMP3217BA0
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3217BA0 Datasheet(HTML) 6 Page - FIDELIX

Back Button FMP3217BA0 Datasheet HTML 2Page - FIDELIX FMP3217BA0 Datasheet HTML 3Page - FIDELIX FMP3217BA0 Datasheet HTML 4Page - FIDELIX FMP3217BA0 Datasheet HTML 5Page - FIDELIX FMP3217BA0 Datasheet HTML 6Page - FIDELIX FMP3217BA0 Datasheet HTML 7Page - FIDELIX FMP3217BA0 Datasheet HTML 8Page - FIDELIX FMP3217BA0 Datasheet HTML 9Page - FIDELIX FMP3217BA0 Datasheet HTML 10Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FMP3217BA0(7)
CMOS LPRAM
Revision 0.2
Feb. 2007
6
Power Up Sequence
1. Apply Power.
2. Maintain stable power for a minimum of 200us with /CS1=VIH and CS2=VIH.
Timing Waveform of Power Up
Power up mode
VCC
/CS1
CS2
Min. 200us
Normal Operation
Vcc(Min
)


Similar Part No. - FMP3217BA0

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BA1 FIDELIX-FMP3217BA1 Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA2 FIDELIX-FMP3217BA2 Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA4 FIDELIX-FMP3217BA4 Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA5 FIDELIX-FMP3217BA5 Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BAX FIDELIX-FMP3217BAX Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP3217BA0

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BAX FIDELIX-FMP3217BAX Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3216DAX FIDELIX-FMP3216DAX Datasheet
198Kb / 11P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
   8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com