Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNW50N04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNW50N04
Description  ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNW50N04 Datasheet(HTML) 3 Page - STMicroelectronics

  VNW50N04 Datasheet HTML 1Page - STMicroelectronics VNW50N04 Datasheet HTML 2Page - STMicroelectronics VNW50N04 Datasheet HTML 3Page - STMicroelectronics VNW50N04 Datasheet HTML 4Page - STMicroelectronics VNW50N04 Datasheet HTML 5Page - STMicroelectronics VNW50N04 Datasheet HTML 6Page - STMicroelectronics VNW50N04 Datasheet HTML 7Page - STMicroelectronics VNW50N04 Datasheet HTML 8Page - STMicroelectronics VNW50N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING (
∗∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =25 A
Vgen =10 V
Rgen =10
(see f igure 3)
100
400
800
500
200
700
1500
900
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =25 A
Vgen =10 V
Rgen = 1000
(see f igure 3)
1.8
3
18
10
3
5
25
15
µs
µs
µs
µs
(di/ dt)on
Turn-on Current Slope
VDD =15 V
ID =25 A
Vin =10 V
Rgen =10
55
A/
µs
Qi
Total Input Charge
VDD =15 V
ID =25 A
Vin = 10 V
190
nC
SOURCE DRAIN DIODE
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSD (
∗)Forward On Voltage
ISD =25 A
Vin =0
1.6
V
trr (
∗∗)
Qrr (
∗∗)
IRRM (
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 25 A
di/dt = 100 A/
µs
VDD =30 V
Tj =25
oC
(see t est circuit, figure 5)
800
5
15
ns
µC
A
PROTECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Ilim
Drain Current Limit
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
35
35
50
50
65
65
A
A
tdlim (
∗∗) Step Response
Current Limit
Vin =10 V
Vin =5 V
50
130
80
200
µs
µs
Tjsh (
∗∗) Overtemperature
Shutdown
170
oC
Tjrs (
∗∗) Overtemperature Reset
155
oC
Igf (
∗∗)
Fault Sink Current
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
50
20
mA
mA
Eas (
∗∗) Single Pulse
Avalanche Energy
st arting Tj =25
oCVDD =20 V
Vin =10 V
Rgen =1 K
Ω L= 10 mH
4J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Parameters guaranteed by design/characterization
VNW50N04
3/11


Similar Part No. - VNW50N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNW50N04A STMICROELECTRONICS-VNW50N04A Datasheet
126Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNW50N04A STMICROELECTRONICS-VNW50N04A Datasheet
307Kb / 12P
   FULLY AUTOPROTECTED POWER MOSFET
VNW50N04A STMICROELECTRONICS-VNW50N04A_04 Datasheet
307Kb / 12P
   FULLY AUTOPROTECTED POWER MOSFET
More results

Similar Description - VNW50N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB14N04 STMICROELECTRONICS-VNB14N04 Datasheet
157Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP7N04 STMICROELECTRONICS-VNP7N04 Datasheet
133Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNB10N07 STMICROELECTRONICS-VNB10N07 Datasheet
159Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
126Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VND7N04 STMICROELECTRONICS-VND7N04 Datasheet
146Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP14N04 STMICROELECTRONICS-VNP14N04 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP20N07 STMICROELECTRONICS-VNP20N07 Datasheet
136Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNH100N04 STMICROELECTRONICS-VNH100N04 Datasheet
91Kb / 7P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N07 STMICROELECTRONICS-VNP10N07 Datasheet
134Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP35N07FI STMICROELECTRONICS-VNP35N07FI Datasheet
139Kb / 13P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP5N07 STMICROELECTRONICS-VNP5N07 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com