Electronic Components Datasheet Search |
|
MSP430F2419TZQW Datasheet(PDF) 1 Page - Texas Instruments |
|
MSP430F2419TZQW Datasheet(HTML) 1 Page - Texas Instruments |
1 / 102 page MSP430F241x, MSP430F261x MIXED SIGNAL MICROCONTROLLER SLAS541D -- JUNE 2007 -- REVISED NOVEMBER 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Low Supply Voltage Range, 1.8 V to 3.6 V D Ultra-Low Power Consumption: -- Active Mode: 365 µAat1MHz, 2.2V -- Standby Mode (VLO): 0.5 µA -- Off Mode (RAM Retention): 0.1 µA D Wake-Up From Standby Mode in Less Than 1 µs D 16-Bit RISC Architecture, 62.5-ns Instruction Cycle Time D Three-Channel Internal DMA D 12-Bit Analog-to-Digital (A/D) Converter With Internal Reference, Sample-and-Hold, and Autoscan Feature D Dual 12-Bit Digital-to-Analog (D/A) Converters With Synchronization D 16-Bit Timer_A With Three Capture/Compare Registers D 16-Bit Timer_B With Seven Capture/Compare-With-Shadow Registers D On-Chip Comparator D Four Universal Serial Communication Interfaces (USCIs) -- USCI_A0 and USCI_A1 -- Enhanced UART Supporting Auto-Baudrate Detection -- IrDA Encoder and Decoder -- Synchronous SPI -- USCI_B0 and USCI_B1 -- I2Ct -- Synchronous SPI D Supply Voltage Supervisor/Monitor With Programmable Level Detection D Brownout Detector D Bootstrap Loader D Serial Onboard Programming, No External Programming Voltage Needed Programmable Code Protection by Security Fuse D Family Members† Include: -- MSP430F2416 92KB+256B Flash Memory, 4KB RAM -- MSP430F2417 92KB+256B Flash Memory, 8KB RAM -- MSP430F2418 116KB+256B Flash Memory, 8KB RAM -- MSP430F2419 120KB+256B Flash Memory, 4KB RAM -- MSP430F2616 92KB+256B Flash Memory, 4KB RAM -- MSP430F2617 92KB+256B Flash Memory, 8KB RAM -- MSP430F2618 116KB+256B Flash Memory, 8KB RAM -- MSP430F2619 120KB+256B Flash Memory, 4KB RAM D Available in80-PinQuadFlatPack (QFP), 64-Pin QFP, and 113-Pin Ball Grid Array (BGA) (See Available Options) D For Complete Module Descriptions, See the MSP430x2xx Family User’s Guide, Literature Number SLAU144 † The MSP430F241x devices are identical to the MSP430F261x devices, with the exception that the DAC12 modules and the DMA controller are not implemented. description The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring different sets of peripherals targeted for various applications. The architecture, combined with five low-power modes is optimized to achieve extended battery life in portable measurement applications. The device features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency. The calibrated digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1 µs. This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. These devices have limited built-in ESD protection. Copyright 2008, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. I2C is a registered trademark of Philips Incorporated. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - MSP430F2419TZQW |
|
Similar Description - MSP430F2419TZQW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |