Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2616TPNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2616TPNR
Description  MIXED SIGNAL MICROCONTROLLER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2616TPNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2616TPNR Datasheet HTML 6Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 7Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 8Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 9Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 10Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 11Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 12Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 13Page - Texas Instruments MSP430F2616TPNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
MSP430F241x, MSP430F261x
MIXED SIGNAL MICROCONTROLLER
SLAS541D -- JUNE 2007 -- REVISED NOVEMBER 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
64
PIN
80
PIN
113
PIN
I/O
DESCRIPTION
AVCC
64
80
A2
Analog supply voltage, positive terminal. Supplies only the analog portion of ADC12 and
DAC12.
AVSS
62
78
B2,
B3
Analog supply voltage, negative terminal. Supplies only the analog portion of ADC12 and
DAC12.
DVCC1
1
1
A1
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS1
63
79
A3
Digital supply voltage, negative terminal. Supplies all digital parts.
DVCC2
52
F12
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS2
53
E12
Digital supply voltage, negative terminal. Supplies all digital parts.
P1.0/TACLK/
CAOUT
12
12
G2
I/O
General-purpose digital I/O pin/Timer_A, clock signal TACLK input/Comparator_A output
P1.1/TA0
13
13
H1
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0A input, compare: Out0 output/BSL
transmit
P1.2/TA1
14
14
H2
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
15
15
J1
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK
16
16
J2
I/O
General-purpose digital I/O pin/SMCLK signal output
P1.5/TA0
17
17
K1
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output
P1.6/TA1
18
18
K2
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output
P1.7/TA2
19
19
L1
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output
P2.0/ACLK/CA2
20
20
M1
I/O
General-purpose digital I/O pin/ACLK output/Comparator_A input
P2.1/TAINCLK/
CA3
21
21
M2
I/O
General-purpose digital I/O pin/Timer_A, clock signal at INCLK
P2.2/CAOUT/
TA0/CA4
22
22
M3
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0B input/Comparator_A output/BSL
receive/Comparator_A input
P2.3/CA0/TA1
23
23
L3
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/Comparator_A input
P2.4/CA1/TA2
24
24
L4
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/Comparator_A input
P2.5/Rosc/CA5
25
25
M4
I/O
General-purpose digital I/O pin/input for external resistor defining the DCO nominal
frequency/Comparator_A input
P2.6/ADC12CLK/
DMAE0†/CA6
26
26
J4
I/O
General-purpose digital I/O pin/conversion clock – 12-bit ADC/DMA channel 0 external
trigger/Comparator_A input
P2.7/TA0/CA7
27
27
L5
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output/Comparator_A input
P3.0/UCB0STE/
UCA0CLK
28
28
M5
I/O
General-purpose digital I/O pin/USCI B0 slave transmit enable/USCI A0 clock input/output
P3.1/UCB0SIMO/
UCB0SDA
29
29
L6
I/O
General-purpose digital I/O pin/USCI B0 slave in/master out in SPI mode, SDA I2C data in
I2C mode
P3.2/UCB0SOMI/
UCB0SCL
30
30
M6
I/O
General-purpose digital I/O pin/USCI B0 slave out/master in in SPI mode, SCL I2Cclock
in I2C mode
P3.3/UCB0CLK/
UCA0STE
31
31
L7
I/O
General-purpose digital I/O/USCI B0 clock input/output, USCI A0 slave transmit enable
P3.4/UCA0TXD/
UCA0SIMO
32
32
M7
I/O
General-purpose digital I/O pin/USCIA transmit data output in UART mode, slave data
in/master out in SPI mode
P3.5/UCA0RXD/
UCA0SOMI
33
33
L8
I/O
General-purpose digital I/O pin/USCI A0 receive data input in UART mode, slave data
out/master in in SPI mode
MSP430F261x devices only


Similar Part No. - MSP430F2616TPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2616TPNR TI-MSP430F2616TPNR Datasheet
1Mb / 98P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2616TPNR TI-MSP430F2616TPNR Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2616TPNR TI1-MSP430F2616TPNR Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MARCH2011
MSP430F2616TPNR TI1-MSP430F2616TPNR Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2616TPNR TI1-MSP430F2616TPNR Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F2616TPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com