Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5709PHPG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5709PHPG4
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5709PHPG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5709PHPG4 Datasheet HTML 6Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 7Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 8Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 9Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 10Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 11Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 12Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 13Page - Texas Instruments TAS5709PHPG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
AC Characteristics (BTL)
SERIAL AUDIO PORTS SLAVE MODE
TAS5709
SLOS599 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
PVDD_X = 18 V, BTL AD mode, FS = 48 KHz, RL = 8 Ω, ROCP = 22 KΩ, CBST = 33 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise noted). All performance is in accordance with recommended operating
conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V,10% THD, 1-kHz input signal
20.6
PVDD = 18 V, 7% THD, 1-kHz input signal
19.5
PVDD = 12 V, 10% THD, 1-kHz input
9.4
signal
PO
Power output per channel
W
PVDD = 12 V, 7% THD, 1-kHz input signal
8.9
PVDD = 8 V, 10% THD, 1-kHz input signal
4.1
PVDD = 8 V, 7% THD, 1-kHz input signal
3.8
PVDD= 18 V; PO = 1 W
0.06%
THD+N
Total harmonic distortion + noise
PVDD= 12 V; PO = 1 W
0.13%
PVDD= 8 V; PO = 1 W
0.2%
Vn
Output integrated noise (rms)
A-weighted
56
µV
PO = 0.25 W, f = 1kHz (BD Mode)
–82
dB
Crosstalk
PO = 0.25 W, f = 1kHz (AD Mode)
-69
dB
A-weighted, f = 1 kHz, maximum power at
SNR
Signal-to-noise ratio (1)
106
dB
THD < 1%
(1)
SNR is calculated relative to 0-dBFS input level.
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fSCLKIN
Frequency, SCLK 32 × fS, 48 × fS, 64 × fS
CL = 30 pF
1.024
12.288
MHz
tsu1
Setup time, LRCLK to SCLK rising edge
10
ns
th1
Hold time, LRCLK from SCLK rising edge
10
ns
tsu2
Setup time, SDIN to SCLK rising edge
10
ns
th2
Hold time, SDIN from SCLK rising edge
10
ns
LRCLK frequency
8
48
48
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK
SCLK rising edges between LRCLK rising edges
32
64
edges
t(edge)
SCLK
LRCLK clock edge with respect to the falling edge of SCLK
–1/4
1/4
period
tr /
ns
Rise/fall time for SCLK/LRCLK
8
tf(SCLK/LRCLK)
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5709


Similar Part No. - TAS5709PHPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5709PHP TI1-TAS5709PHP Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709PHPR TI1-TAS5709PHPR Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5709PHPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5707 TI1-TAS5707_13 Datasheet
1Mb / 58P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com