Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT69170E-DX-E Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT69170E-DX-E
Description  Space FPGA Configuration Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT69170E-DX-E Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT69170E-DX-E Datasheet HTML 2Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 3Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 4Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 5Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 6Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 7Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 8Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 9Page - ATMEL Corporation AT69170E-DX-E Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
7
7752A–AERO–07/07
AT69170E
4.
Power-on mode
The AT69170E provides a READY output pin to indicate that the memory power-on sequence is
ended and that it is ready for use. This pin is available as an open-collector indicator of the
device’s reset status. It is driven Low while the device is in its power-on reset cycle and released
(tri-stated) when the cycle is complete.
It is recommended to pull-up this pin through a 4.7KOhms resistor.
5.
Standby mode
The AT69170E configurator enters a low-power standby mode whenever CE is asserted High.
In this mode, the output remains in a high-impedance state regardless of the state of the OE
input. Power Consumption is reduced to less than 5mA of current at 3.3V.
6.
Power down mode
In addition to the standby mode, the AT69170E implements a power down mode. In this mode,
the AT69170E consumes less than 1mA of current at 3.3V.
The power down mode is entered driving High the PWD input pin of the memory. For normal
operation of the memory, PWD pin shall be tied to a Low level.
7.
Programming mode - TWI mode
The AT69170E is a serial EEPROM memory used to load programmable devices. AT69170E
content is loaded and read thanks to a simple 2-wire serial interface (TWI). The programming
mode is entered if SER_EN is driven Low. In this mode the chip can be programmed by the
Two-Wire serial interface (TWI).
The 2-wire interface (TWI) is based on a simple synchronous protocol where one wire (CLOCK)
functions as a clock and shall be provided by the programmer and the second wire (DATA) is a
bi-directional signal and is used to provide data and control information. The system must pro-
vide a small pull-up current for the DATA line.
Information is transmitted on the serial bus in frames made of:
• A Start Condition
• A Data field with Acknowledge bits
• A Stop Condition
Each frame begins with a Start Condition and is ended with a Stop Condition. The data field is
made of an integer number of data bytes, each data byte consisting of 8 data bits followed by a
9th Acknowledge Bit. This Acknowledge Bit is provided by the recipient of the transmitted byte.
7.1
TWI Frame Description
While writing to the AT69170E, the programmer is responsible for issuing the instruction and
data. The AT69170E acknowledges the transfer. While reading from the AT69170E, the pro-
grammer issues the instruction and acknowledges the data from the memory as necessary.
Data on the DATA pin may change only during the CLOCK Low time; whereas Start and Stop
Conditions are identified as transitions during the CLOCK High time.
All bytes from accepted messages must be terminated by either an Acknowledge Bit or a Stop
Condition.


Similar Part No. - AT69170E-DX-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E-2E-E ATMEL-AT697E-2E-E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E-2E-E ATMEL-AT697E-2E-E Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
More results

Similar Description - AT69170E-DX-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP ATMEL-AT17LV010-10DP_05 Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com