Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0104GXUR Datasheet(PDF) 9 Page - Texas Instruments

Part # TXB0104GXUR
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0104GXUR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXB0104GXUR Datasheet HTML 5Page - Texas Instruments TXB0104GXUR Datasheet HTML 6Page - Texas Instruments TXB0104GXUR Datasheet HTML 7Page - Texas Instruments TXB0104GXUR Datasheet HTML 8Page - Texas Instruments TXB0104GXUR Datasheet HTML 9Page - Texas Instruments TXB0104GXUR Datasheet HTML 10Page - Texas Instruments TXB0104GXUR Datasheet HTML 11Page - Texas Instruments TXB0104GXUR Datasheet HTML 12Page - Texas Instruments TXB0104GXUR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
OPERATING CHARACTERISTICS
TXB0104
www.ti.com.............................................................................................................................................................. SCES650D – APRIL 2006 – REVISED MAY 2008
TA = 25°C
VCCA
1.2 V
1.2 V
1.5 V
1.8 V
2.5 V
2.5 V
3.3 V
VCCB
PARAMETER
TEST CONDITIONS
UNIT
3.3 V
5 V
1.8 V
1.8 V
1.8 V
2.5 V
5 V
to
5 V
TYP
TYP
TYP
TYP
TYP
TYP
TYP
A-port input, B-port output
7.8
10
9
8
8
8
9
CL = 0, f = 10 MHz,
CpdA
B-port input, A-port output
12
11
11
11
11
11
11
tr = tf = 1 ns,
pF
OE = VCCA
A-port input, B-port output
38.1
28
28
28
29
29
29
CpdB
(outputs enabled)
B-port input, A-port output
25.4
19
18
18
19
21
22
A-port input, B-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
CL = 0, f = 10 MHz,
CpdA
B-port input, A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
tr = tf = 1 ns,
pF
OE = GND
A-port input, B-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.03
CpdB
(outputs disabled)
B-port input, A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.04
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXB0104


Similar Part No. - TXB0104GXUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104GXUR TI-TXB0104GXUR Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104GXUR TI-TXB0104GXUR Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104GXUR TI-TXB0104GXUR Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
More results

Similar Description - TXB0104GXUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
[Old version datasheet]   4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com