Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0102DCTT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0102DCTT
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0102DCTT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS0102DCTT Datasheet HTML 5Page - Texas Instruments TXS0102DCTT Datasheet HTML 6Page - Texas Instruments TXS0102DCTT Datasheet HTML 7Page - Texas Instruments TXS0102DCTT Datasheet HTML 8Page - Texas Instruments TXS0102DCTT Datasheet HTML 9Page - Texas Instruments TXS0102DCTT Datasheet HTML 10Page - Texas Instruments TXS0102DCTT Datasheet HTML 11Page - Texas Instruments TXS0102DCTT Datasheet HTML 12Page - Texas Instruments TXS0102DCTT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PRINCIPLES OF OPERATION
Applications
Architecture
V
CCB
B
V
CCA
V
CCB
GateBias
One-
shot
One-
shot
10k
10k
T1
T2
A
Input Driver Requirements
Power Up
Enable and Disable
TXS0102
www.ti.com .............................................................................................................................................. SCES640B – JANUARY 2007 – REVISED JANUARY 2009
The TXS0102 can be used in level-translation applications for interfacing devices or systems operating at
different interface voltages with one another. The TXS0102 is ideal for use in applications where an open-drain
driver is connected to the data I/Os. The TXS0102 can also be used in applications where a push-pull driver is
connected to the data I/Os, but the TXB0102 might be a better option for such push-pull applications.
The TXS0102 architecture (see Figure 1) does not require a direction-control signal to control the direction of
data flow from A to B or from B to A.
Figure 1. Architecture of a TXS01xx Cell
Each A-port I/O has an internal 10-k
Ω pullup resistor to VCCA, and each B-port I/O has an internal 10-kΩ pullup
resistor to VCCB. The output one-shots detect rising edges on the A or B ports. During a rising edge, the one-shot
turns on the PMOS transistors (T1, T2) for a short duration, which speeds up the low-to-high transition.
The fall time (tfA, tfB) of a signal depends on the output impedance of the external device driving the data I/Os of
the TXS0102. Similarly, the tPHL and max data rates also depend on the output impedance of the external driver.
The values for tfA, tfB, tPHL, and maximum data rates in the data sheet assume that the output impedance of the
external driver is less than 50
Ω.
During operation, ensure that VCCA ≤ VCCB at all times. During power-up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first.
The TXS0102 has an OE input that is used to disable the device by setting OE low, which places all I/Os in the
Hi-Z state. The disable time (tdis) indicates the delay between the time when OE goes low and when the outputs
actually get disabled (Hi-Z). The enable time (ten) indicates the amount of time the user must allow for the
one-shot circuitry to become operational after OE is taken high.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXS0102


Similar Part No. - TXS0102DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102DCTT TI-TXS0102DCTT Datasheet
261Kb / 13P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0102DCTT TI-TXS0102DCTT Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCTT TI-TXS0102DCTT Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCTT TI-TXS0102DCTT Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCTT TI1-TXS0102DCTT Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results

Similar Description - TXS0102DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Texas Instruments
TXS0102 TI-TXS0102_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com