Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA824ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # VCA824ID
Description  Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA824ID Datasheet(HTML) 4 Page - Texas Instruments

  VCA824ID Datasheet HTML 1Page - Texas Instruments VCA824ID Datasheet HTML 2Page - Texas Instruments VCA824ID Datasheet HTML 3Page - Texas Instruments VCA824ID Datasheet HTML 4Page - Texas Instruments VCA824ID Datasheet HTML 5Page - Texas Instruments VCA824ID Datasheet HTML 6Page - Texas Instruments VCA824ID Datasheet HTML 7Page - Texas Instruments VCA824ID Datasheet HTML 8Page - Texas Instruments VCA824ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
VCA824
SBOS394C – NOVEMBER 2007 – REVISED DECEMBER 2008....................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
At AVMAX = +10V/V, VG = +1V, RF = 402Ω, RG = 80Ω, and RL = 100Ω, unless otherwise noted.
VCA824
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
70°C
(3)
+85°C
(3)
UNITS
MAX
LEVEL
(1)
OUTPUT
Output Voltage Swing
RL = 1kΩ
±3.9
±3.6
±3.4
±3.3
V
min
A
RL = 100Ω
±3.6
±3.5
±3.3
±3.2
V
min
A
Output Current
VO = 0V, RL = 10Ω
±90
±60
=50
=45
mA
min
A
Output Impedance
AVMAX = +10V/V, f > 100kHz
0.01
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
±4
±4
±4
V
min
B
Maximum Operating Voltage
±6
±6
±6
V
max
A
Maximum Quiescent Current
VG = 0V
36.5
37.5
38
38.5
mA
max
A
Minimum Quiescent Current
VG = 0V
36.5
35
34.5
34
mA
max
A
Power-Supply Rejection Ratio (-PSRR)
VG = +1V
-68
-61
-59
-58
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range D Package
–40 to +85
°C
typ
C
Thermal Resistance
θ
JA
Junction-to-Ambient
DGS, MSOP-10
130
°C/W
typ
C
D, SO-14
80
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): VCA824


Similar Part No. - VCA824ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824ID TI1-VCA824ID Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824ID TI1-VCA824ID Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824IDG4 TI1-VCA824IDG4 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824IDG4 TI1-VCA824IDG4 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824IDGST TI1-VCA824IDGST Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results

Similar Description - VCA824ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
   Variable-Gain Ultra-Wideband Voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com