Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88RF1354 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88RF1354
Description  13.56 MHz Type B RF Reader Specification
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF1354 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88RF1354 Datasheet HTML 1Page - ATMEL Corporation AT88RF1354 Datasheet HTML 2Page - ATMEL Corporation AT88RF1354 Datasheet HTML 3Page - ATMEL Corporation AT88RF1354 Datasheet HTML 4Page - ATMEL Corporation AT88RF1354 Datasheet HTML 5Page - ATMEL Corporation AT88RF1354 Datasheet HTML 6Page - ATMEL Corporation AT88RF1354 Datasheet HTML 7Page - ATMEL Corporation AT88RF1354 Datasheet HTML 8Page - ATMEL Corporation AT88RF1354 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
13.56 MHz Type B RF Reader
8547A
−RFID−10/08
3.
Introduction
3.1.
Block Diagram
Figure 1.
Block Diagram
SRAM
Receive
Command
and
Response
Logic
Registers
Transmit
Serial Interface
13.56 MHz
PLL
Filter
Modulator
ANT Driver
ResetB
CLKO
ISEL
Istat
SSB
SCK
SDI
SDO
ADDR
Xtal2
Xtal1
Vss_ANT
ANT
C6
RFin


Similar Part No. - AT88RF1354

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF1354-ZU ATMEL-AT88RF1354-ZU Datasheet
726Kb / 48P
   13.56 MHz Type B RF Reader Specification
AT88RF1354-ZU-T ATMEL-AT88RF1354-ZU-T Datasheet
726Kb / 48P
   13.56 MHz Type B RF Reader Specification
AT88RF1354 ATMEL-AT88RF1354_09 Datasheet
726Kb / 48P
   13.56 MHz Type B RF Reader Specification
More results

Similar Description - AT88RF1354

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF1354 ATMEL-AT88RF1354_09 Datasheet
726Kb / 48P
   13.56 MHz Type B RF Reader Specification
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
ATMEL Corporation
AT90RF135602 ATMEL-AT90RF135602 Datasheet
800Kb / 35P
   INTEGRATED 13.56 MHz CONTACTLESS READER WITH EMBEDED SOFTWARE
logo
Texas Instruments
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
Balluff Korea Ltd.
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
   HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
   HF (13.56 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com