Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8136IPHPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS8136IPHPR
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8136IPHPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS8136IPHPR Datasheet HTML 5Page - Texas Instruments THS8136IPHPR Datasheet HTML 6Page - Texas Instruments THS8136IPHPR Datasheet HTML 7Page - Texas Instruments THS8136IPHPR Datasheet HTML 8Page - Texas Instruments THS8136IPHPR Datasheet HTML 9Page - Texas Instruments THS8136IPHPR Datasheet HTML 10Page - Texas Instruments THS8136IPHPR Datasheet HTML 11Page - Texas Instruments THS8136IPHPR Datasheet HTML 12Page - Texas Instruments THS8136IPHPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS8136
www.ti.com ........................................................................................................................................................................................... SLES236 – NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
AVDD to AVSS
–0.5 V to 3.6 V
Supply voltage
DVDD to DVSS
–0.5 V to 1.95 V
AVSS to DVSS
–0.5 to 0.5 V
Digital input voltage range to DVSS
–0.5 V to (DVDD + 0.5) V
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–55°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
TA = 85°C
BOARD
PACKAGE
RθJC
RθJA
POWER RATING
POWER RATING
Low-K(2)
TQFP-48-PHP
33.0°C/W
67.60°C/W
1.18 W
0.296 W
High-K(3)
TQFP-48-PHP
33.0°C/W
29.04°C/W
2.75 W
0.689 W
(1)
Specified with 105°C maximum junction temperature (TJ).
(2)
Specified with thermal pad not soldered to the PCB
(3)
Specified with thermal pad soldered to 2-oz Cu plate PCB thermal plane.
MIN
NOM
MAX
UNIT
Power Supply
AVDD
3
3.3
3.6
V
DVDD
1.65
1.8
1.95
V
Digital and Reference Inputs
VIH
High-level input voltage
1.2
DVDD
V
VIL
Low-level input voltage
DVSS
0.7
V
fCLK
Clock frequency
0
180
MHz
CLK
tw(CLKH)
Pulse duration, clock high
40%
60%
period
CLK
tw(CLKL)
Pulse duration, clock low
40%
60%
period
RFS(nom)
FSADJ resistor(1)
3.8
k
(1)
RFS should be chosen such that the maximum full-scale DAC output current (IFS) does not exceed the maximum stated level. This yields
the nominal output voltage compliance at the nominal load termination of 37.5
Ω.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS8136


Similar Part No. - THS8136IPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133 TI-THS8133 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133A TI-THS8133A Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133A TI-THS8133A Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133ACPHP TI-THS8133ACPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
More results

Similar Description - THS8136IPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8083A TI-THS8083A Datasheet
267Kb / 64P
[Old version datasheet]   TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
[Old version datasheet]   Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
[Old version datasheet]   TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
logo
Texas Instruments
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
logo
Analog Devices
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com