Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BOT Datasheet(PDF) 2 Page - Texas Instruments

Part # BOT
Description  Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BOT Datasheet(HTML) 2 Page - Texas Instruments

  BOT Datasheet HTML 1Page - Texas Instruments BOT Datasheet HTML 2Page - Texas Instruments BOT Datasheet HTML 3Page - Texas Instruments BOT Datasheet HTML 4Page - Texas Instruments BOT Datasheet HTML 5Page - Texas Instruments BOT Datasheet HTML 6Page - Texas Instruments BOT Datasheet HTML 7Page - Texas Instruments BOT Datasheet HTML 8Page - Texas Instruments BOT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
1
2
3
4
5
10
9
8
7
6
GND
V
OUT
-VCC
-VIN
-RG
FB
+V
CC
V
G
+V
IN
+R
G
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+V
CC
NC
FB
GND
V
OUT
V
REF
-VCC
+V
CC
V
G
+V
IN
+R
G
-RG
-VIN
-VCC
VCA824
SBOS394C – NOVEMBER 2007 – REVISED DECEMBER 2008....................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
VCA824ID
Rail, 50
VCA824
SO-14
D
–40°C to +85°C
VCA824ID
VCA824IDR
Tape and Reel, 2500
VCA824IDGST
Tape and Reel, 250
VCA824
MSOP-10
DGS
–40°C to +85°C
BOT
VCA824IDGSR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
VCA824
UNIT
Power Supply
±6.5
V
Internal Power Dissipation
See Thermal Characteristics
Input Voltage Range
±VS
V
Storage Temperature Range
–65 to +125
°C
Lead Temperature (soldering, 10s)
+260
°C
Junction Temperature (TJ)
+150
°C
Junction Temperature (TJ), Maximum Continuous Operation
+140
°C
Human Body Model (HBM)
2000
V
ESD Rating
Charge Device Model (CDM)
1000
V
Machine Model (MM)
200
V
D PACKAGE
DGS PACKAGE
SO-14
MSOP-10
(TOP VIEW)
(TOP VIEW)
NC = No Connection
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): VCA824


Similar Part No. - BOT

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT107 BOT-BOT107 Datasheet
37Kb / 2P
   4 Way 3mm LED Array 90 deg Mount
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
   3 Way 2 Tier 3mm LED Array
BOT1806 BOT-BOT1806 Datasheet
39Kb / 2P
   6 ELEMENT PCB MOUNT 1.8mm LED ARRAY
More results

Similar Description - BOT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
   Variable-Gain Ultra-Wideband Voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com