Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5724 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5724
Description  UHF ASK/FSK Receiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5724 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5724 Datasheet HTML 4Page - ATMEL Corporation ATA5724 Datasheet HTML 5Page - ATMEL Corporation ATA5724 Datasheet HTML 6Page - ATMEL Corporation ATA5724 Datasheet HTML 7Page - ATMEL Corporation ATA5724 Datasheet HTML 8Page - ATMEL Corporation ATA5724 Datasheet HTML 9Page - ATMEL Corporation ATA5724 Datasheet HTML 10Page - ATMEL Corporation ATA5724 Datasheet HTML 11Page - ATMEL Corporation ATA5724 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
9106E–RKE–07/08
ATA5723/ATA5724/ATA5728
4.3
FSK/ASK Demodulator and Data Filter
The signal coming from the RSSI amplifier is converted into the raw data signal by the ASK/FSK
demodulator. The operating mode of the demodulator is set using the bit ASK/_FSK in the
OPMODE register. Logic L sets the demodulator to FSK, applying H to ASK mode.
In ASK mode an automatic threshold control circuit (ATC) is employed to set the detection refer-
ence voltage to a value where a good signal to noise ratio is achieved. This circuit also
implements the effective suppression of any kind of in-band noise signals or competing transmit-
ters. If the S/N (ratio to suppress in-band noise signals) exceeds about 10 dB the data signal can
be detected properly. However, better values are found for many modulation schemes of the
competing transmitter.
The FSK demodulator is intended to be used for an FSK deviation of 10 kHz
≤Δf ≤100 kHz. The
data signal in FSK mode can be detected if the S/N (ratio to suppress in-band noise signals)
exceeds about 2 dB. This value is valid for all modulation schemes of a disturber signal.
The output signal of the demodulator is filtered by the data filter before it is fed into the digital
signal processing circuit. The data filter improves the S/N ratio as its pass-band can be adopted
to the characteristics of the data signal. The data filter consists of a 1
st order high-pass and a 2nd
order low-pass filter.
The high-pass filter cut-off frequency is defined by an external capacitor connected to pin
CDEM. The cut-off frequency of the high-pass filter is defined by the following formula:
In self-polling mode the data filter must settle very rapidly to achieve a low current consumption.
Therefore, CDEM cannot be increased to very high values if self-polling is used. On the other
hand, CDEM must be large enough to meet the data filter requirements according to the data
signal. Recommended values for CDEM are given in the electrical characteristics.
The cut-off frequency of the low-pass filter is defined by the selected baud-rate range
(BR_Range). The BR_Range is defined in the OPMODE register (refer to Section 11. “Configur-
ing the Receiver” on page 25). The BR_Range must be set in accordance to the baud-rate used.
The ATA5723/ATA5724/ATA5728 is designed to operate with data coding where the DC level of
the data signal is 50%. This is valid for Manchester and Bi-phase coding. If other modulation
schemes are used, the DC level should always remain within the range of V
DC_min = 33% and
V
DC_max = 66%. The sensitivity may be reduced by up to 2 dB in that condition.
Each BR_Range is also defined by a minimum and a maximum edge-to-edge time (t
ee_sig).
These limits are defined in the electrical characteristics. They should not be exceeded to main-
tain full sensitivity of the receiver.
fcu_DF
1
2
π
×
30 k
Ω
×
CDEM
×
-------------------------------------------------------------
=


Similar Part No. - ATA5724

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5724C ATMEL-ATA5724C_14 Datasheet
1Mb / 44P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5724

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com