Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5728 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5728
Description  UHF ASK/FSK Receiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5728 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5728 Datasheet HTML 1Page - ATMEL Corporation ATA5728 Datasheet HTML 2Page - ATMEL Corporation ATA5728 Datasheet HTML 3Page - ATMEL Corporation ATA5728 Datasheet HTML 4Page - ATMEL Corporation ATA5728 Datasheet HTML 5Page - ATMEL Corporation ATA5728 Datasheet HTML 6Page - ATMEL Corporation ATA5728 Datasheet HTML 7Page - ATMEL Corporation ATA5728 Datasheet HTML 8Page - ATMEL Corporation ATA5728 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
9106E–RKE–07/08
ATA5723/ATA5724/ATA5728
2.
Pin Configuration
Figure 2-1.
Pinning SSO20
TEST1
RSSI
LNA_IN
LNAGND
AGND
LNAREF
SENS
IC_ACTIVE
CDEM
AVCC
ATA5723/
ATA5724/
ATA5728
5
6
9
10
7
8
1
2
3
4
MODE
DVCC
TEST3
TEST2
XTAL2
XTAL1
DATA
POLLING/_ON
DGND
DATA_CLK
16
15
12
11
14
13
20
19
18
17
Table 2-1.
Pin Description
Pin
Symbol
Function
1
SENS
Sensitivity-control resistor
2
IC_ACTIVE
IC condition indicator: Low = sleep mode, High = active mode
3
CDEM
Lower cut-off frequency data filter
4
AVCC
Analog power supply
5
TEST 1
Test pin, during operation at GND
6
RSSI
RSSI output
7
AGND
Analog ground
8
LNAREF
High-frequency reference node LNA and mixer
9
LNA_IN
RF input
10
LNAGND
DC ground LNA and mixer
11
TEST 2
Do not connect during operating
12
TEST 3
Test pin, during operation at GND
13
XTAL1
Crystal oscillator XTAL connection 1
14
XTAL2
Crystal oscillator XTAL connection 2
15
DVCC
Digital power supply
16
MODE
Selecting 315 MHz/other versions
Low: 315 MHz version (ATA5723)
High: 433 MHz/868 MHz versions (ATA5724/ATA5728)
17
DATA_CLK
Bit clock of data stream
18
DGND
Digital ground
19
POLLING/_ON
Selects polling or receiving mode; Low: receiving mode, High: polling mode
20
DATA
Data output/configuration input


Similar Part No. - ATA5728

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5728C ATMEL-ATA5728C_14 Datasheet
1Mb / 44P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5728

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com