Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2732N3 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR2732N3
Description  Integrated DAB One-chip Front End
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2732N3 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR2732N3 Datasheet HTML 2Page - ATMEL Corporation ATR2732N3 Datasheet HTML 3Page - ATMEL Corporation ATR2732N3 Datasheet HTML 4Page - ATMEL Corporation ATR2732N3 Datasheet HTML 5Page - ATMEL Corporation ATR2732N3 Datasheet HTML 6Page - ATMEL Corporation ATR2732N3 Datasheet HTML 7Page - ATMEL Corporation ATR2732N3 Datasheet HTML 8Page - ATMEL Corporation ATR2732N3 Datasheet HTML 9Page - ATMEL Corporation ATR2732N3 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
9129AS–DAB–04/08
ATR2732N3
Figure 3-1.
Functional Block Diagram with Labelled Inputs and Outputs
3.2
AGC in General
There are three AGCs in the ATR2732N3, one for the RF signals (around the LNAs) (1) and (3),
one for the very beginning of the IF path (mainly VHF mixer), and one for the IF amplifiers (5)
down to the output to baseband (7).
In these AGCs, the output signals of the relevant blocks are amplified, weakly band-pass fil-
tered, rectified, and, finally, low-pass filtered. The voltage derived in this power-measurement
process is compared to a voltage threshold which can be digitally controlled by several bits,
independently of each other. The setting is done via the control bus. Depending on the result of
this comparison, charge pumps feed a positive or negative current in order to charge or dis-
charge external capacitors. The voltage of these external capacitors is used to control the gains
of practically all blocks in the signal path.
By means of the control bus, the current of the AGC charge pump can be selected as specified
in the following table:
The input pin WAGC, set to logical 1, always sets all AGCs to time constant Infinite (meaning
there is practically no current to the AGC capacitors), regardless of the actual status of the bus
settings.
Control unit
SPI interface
RSSI
VCO
L-band
PLL
Gain
cntl
PWR
cntl
Vtune
gen.
VCO
VHF
frac. PLL
A
D
3)
1)
2)
4)
5)
6)
7)
Table 3-1.
Selection of Time Constant Factor
MSB
LSB
Time Constant Factor
00
0
Infinite
00
1
32
01
0
16
01
1
8
10
0
4
10
1
2
11
0
1
11
1
0.2


Similar Part No. - ATR2732N3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2732N1 ATMEL-ATR2732N1 Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N1-PBPW ATMEL-ATR2732N1-PBPW Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N1-PBQW ATMEL-ATR2732N1-PBQW Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
More results

Similar Description - ATR2732N3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2732 ATMEL-ATR2732 Datasheet
267Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N1 ATMEL-ATR2732N1 Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
ATR2731 ATMEL-ATR2731 Datasheet
591Kb / 26P
   DAB One-chip Front End
U2731B ATMEL-U2731B Datasheet
681Kb / 25P
   DAB ONE- CHIP FRONT END
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
logo
ATMEL Corporation
U2739M-B ATMEL-U2739M-B Datasheet
329Kb / 69P
   DAB One-Chip Channel- and Source Decoder
logo
TEMIC Semiconductors
U2739M TEMIC-U2739M Datasheet
75Kb / 4P
   DAB One-Chip Channel- and Source / Data Decoder
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
   Integrated Circuit FM Front End
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
   Wi-Fi Integrated Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com