Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5771 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA5771
Description  Microcontroller with UHF ASK/FSK Transmitter
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5771 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA5771 Datasheet HTML 1Page - ATMEL Corporation ATA5771 Datasheet HTML 2Page - ATMEL Corporation ATA5771 Datasheet HTML 3Page - ATMEL Corporation ATA5771 Datasheet HTML 4Page - ATMEL Corporation ATA5771 Datasheet HTML 5Page - ATMEL Corporation ATA5771 Datasheet HTML 6Page - ATMEL Corporation ATA5771 Datasheet HTML 7Page - ATMEL Corporation ATA5771 Datasheet HTML 8Page - ATMEL Corporation ATA5771 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 284 page
background image
5
9137A–RKE–10/08
ATA5771/ATA5773/ATA5774
3.
Functional Description
For a typical key fob application 3-4 interconnections between the microcontroller and the trans-
mitter are required (see Figure 1-1 on page 2 and Figure 1-2 on page 3). The CLK line is used to
allow the microcontroller to generate an XTAL-based transmitter signal. The ENABLE line is
used to start the XTO, PLL, and clock output of the transmitter. The PA_ENABLE line is used to
enable the power amplifier in ASK and FSK mode. In FSK mode a 4
th line is necessary to modu-
late the load capacity of the XTAL. To wake-up the system from standby mode at least one key
input is required. After pressing the key, the microcontroller starts up with the internal RC oscilla-
tor. For TX operation user software must control ENABLE, PA_ENABLE and XTAL load
capacity as described in the following section.
If ENABLE = L and PA_ENABLE = L the transmitter and the microcontroller (MCU) are in
standby mode, reducing the power consumption so that a lithium cell can be used as power sup-
ply for several years.
If ENABLE = H and PA_ENABLE = L, the XTO, PLL and the CLK driver from the transmitter are
activated. The crystal oscillator together with the PLL from the RF transmitter typically requires
< 1 ms (ATA5774 < 3 ms) until the PLL is locked and the clock output (Pin 8) is stable.
If ENABLE = H and PA_ENABLE = H, the XTO, PLL, CLK driver and the Power Amplifier (PA)
are switched on. The ASK modulation is done by switching on/off the power amplifier via
PA_ENABLE. The FSK modulation is done by switching on/off an additional capacitor between
the XTAL load capacitor and GND, thus changing the reference frequency of the PLL. This is
done using a MOS switch controlled by a microcontroller output. The power amplifier is switched
on via PA_ENABLE = H.
The MCU has to wait at least > 1 ms ATA5774 (> 3 ms ATA5773, > 4 ms ATA5771) after setting
ENABLE = H, before the external clock can be used. The external clock is connected via the
timer0 input pin that clocks the USI from the MCU to achieve an accurate data transfer. The fre-
quency of the internal RC oscillator is affected by ambient temperature and operating voltage.
The USI provides 2 two serial synchronous data transfer modes, with different physical I/O ports
for the data output. The two wire mode is used for ASK and the three wire mode is used for FSK.
Table 3-1.
Typical Current Consumption in Active Mode at 3.0V and 25°C
Type
Transmitter
Microcontroller (1 MHz
Internal RC Oscillator)
Total
ATA5771
8.5 mA
0.6 mA
9.1 mA
ATA5773
9.0 mA
0.6 mA
9.6 mA
ATA5774
9.0 mA
0.6 mA
9.6 mA
Table 3-2.
Current Consumption in Power-down Mode at 3.0V and –40°C to +85°C
Type
Transmitter
Microcontroller
(Watchdog Timer
Disabled)
Total
ATA5771
Typ. < 10 nA
Max. 350 nA
Typ. 150 nA
Max. 1.0 µA
Typ. < 160 nA
Max. 1.35 µA
ATA5773
ATA5774


Similar Part No. - ATA5771

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5771 ATMEL-ATA5771 Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
3Mb / 219P
   Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
ATA5771-PXQW ATMEL-ATA5771-PXQW Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771_09 Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771_10 Datasheet
3Mb / 219P
   Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
More results

Similar Description - ATA5771

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com