Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2732N3-PBPW Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR2732N3-PBPW
Description  Integrated DAB One-chip Front End
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2732N3-PBPW Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR2732N3-PBPW Datasheet HTML 1Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 2Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 3Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 4Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 5Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 6Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 7Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 8Page - ATMEL Corporation ATR2732N3-PBPW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
9129AS–DAB–04/08
ATR2732N3
41
PFDOUTV
Output-of-phase comparator for VHF VCO (connected to PLL loop filter)
42
IF2IN+
(Differential) Input of 2nd IFVGA
43
IF2IN
(Differential) Input of 2nd IFVGA
44
AGCIF
Connection for time-constant capacitor of IFVGAs’ AGC
45
IFAGCIN+
Input of IFAGC detector (differential with pin 48)
46
IF2O+
(Differential) Output of 2nd IFVGA
47
IF2O
(Differential) Output of 2nd IFVGA
48
IFAGCIN
Input of IFAGC detector (differential with pin 45)
49
VA2
Supply voltage
50
WAGC
Window AGC input: All AGCs frozen and currents to capacitors switched off (necessary during Null Symbol
or when unused symbols are left out and the part is powered down using the SWITCHEN input)
51
SWITCHEN
Input for selection between the two enable registers, allowing a fast change between reduced, low-current,
and normal-reception mode, and offering current-saving capability
52
MOSI
Input of SPI bus (data, refer to SPI bus protocol)
53
NSS
Input of SPI bus (chip select, refer to SPI bus protocol)
54
SCK
Input of SPI bus (clock, refer to SPI bus protocol)
55
MISO
Output of SPI bus (data, refer to SPI bus protocol)
56
XOUT
Crystal oscillator clock output to baseband
If used: AC-couple to baseband (single VCXO concept)
If not used: short-circuit to GND
57
VDI
Supply voltage from baseband (1.65V to 3.6V) to adaptation interface to baseband
58
XTALA
Connection for reference clock crystal
59
XTALB
Connection for reference clock crystal
60
VDD
Supply for digital circuits
61
PFDOUTL
Output of phase comparator for VCO for L-band (connected to PLL loop filter)
62
GDMIXL
Ground (L-band mixer)
63
MILIN+
(Differential) Input of L-band mixer
64
MILIN
(Differential) Input of L-band mixer
Paddle
GND
Ground
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Function


Similar Part No. - ATR2732N3-PBPW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2732N1 ATMEL-ATR2732N1 Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N1-PBPW ATMEL-ATR2732N1-PBPW Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N1-PBQW ATMEL-ATR2732N1-PBQW Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
More results

Similar Description - ATR2732N3-PBPW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2732 ATMEL-ATR2732 Datasheet
267Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N1 ATMEL-ATR2732N1 Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
ATR2731 ATMEL-ATR2731 Datasheet
591Kb / 26P
   DAB One-chip Front End
U2731B ATMEL-U2731B Datasheet
681Kb / 25P
   DAB ONE- CHIP FRONT END
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
logo
ATMEL Corporation
U2739M-B ATMEL-U2739M-B Datasheet
329Kb / 69P
   DAB One-Chip Channel- and Source Decoder
logo
TEMIC Semiconductors
U2739M TEMIC-U2739M Datasheet
75Kb / 4P
   DAB One-Chip Channel- and Source / Data Decoder
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
   Integrated Circuit FM Front End
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
   Wi-Fi Integrated Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com