Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC695FL-15SASB Datasheet(PDF) 3 Page - ATMEL Corporation

Part # TSC695FL-15SASB
Description  Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695FL-15SASB Datasheet(HTML) 3 Page - ATMEL Corporation

  TSC695FL-15SASB Datasheet HTML 1Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 2Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 3Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 4Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 5Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 6Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 7Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 8Page - ATMEL Corporation TSC695FL-15SASB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
TSC695FL
4204C–AERO–05/05
Note:
If not specified, the output buffer type is 150 pF, the input buffer type is TTL.
OE
O
Low
Memory output enable
Output buffer: 400 pF
BUFFEN
O
Low
Data buffer enable
-
DDIR
O
High
Data buffer direction
-
DDIR
O
Low
Data buffer direction
-
IOSEL[3:0]
O
Low
I/O chip select
-
IOWR
O
Low
I/O and exchange memory write strobe
-
EXMCS
O
Low
Exchange memory chip select
-
BUSRDY
I
Low
Bus ready
-
BUSERR
I
Low
Bus error
-
DMAREQ
I
Low
DMA request
-
DMAGNT
O
Low
DMA grant
-
DMAAS
I
High
DMA address strobe
-
DRDY
O
Low
Data ready during DMA access
-
IUERR
O
Low
IU error
-
CPUHALT
O
Low
Processor (IU & FPU) halt and freeze
-
SYSERR
O
Low
System error
-
SYSHALT
I
Low
System halt
-
SYSAV
O
High
System availability
-
NOPAR
I
Low
No parity
-
INULL
O
High
Integer unit nullify cycle
-
INST
O
High
Instruction fetch
Used to check the execute
stage of IU
instruction pipeline
FLUSH
O
High
FPU instruction flush
DIA
O
High
Delay instruction annulled
RTC
O
High
Real Time Clock Counter output
-
RxA/RxB
I
Receive data UART ’A’ and ’B’
Input trigger
TxA/TxB
O
Transmit data UART ’A’ and ’B’
-
GPI[7:0]
I/O
GPI input/output
Input trigger
GPIINT
O
High
GPI interrupt
-
EXTINT[4:0]
I
External interrupt
Input trigger
EXTINTACK
O
High
External interrupt acknowledge
-
IWDE
I
High
Internal watch dog enable
-
EWDINT
I
High
External watch dog input interrupt
Input trigger
WDCLK
I
Watch dog clock
-
CLK2
I
Double frequency clock
-
SYSCLK
O
System clock
-
RESET
O
Low
Output reset
-
SYSRESET
I
Low
System input reset
Input trigger
TMODE[1:0]
I
Factory test mode
Functional mode=00
DEBUG
I
High
Software debug mode
-
TCK
I
Test (JTAG) clock
-
TRST
I
Low
Test (JTAG) reset
pull-up
≈ 37 kΩ
TMS
I
Test (JTAG) mode select
pull-up
≈ 37 kΩ
TDI
I
Test (JTAG) data input
pull-up
≈ 37 kΩ
TDO
O
Test (JTAG) data output
-
VCCI/VSSI
Main internal power
-
VCCO/VSSO
Output driver power
-
Signal
Type
Active
Description


Similar Part No. - TSC695FL-15SASB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695FL ATMEL-TSC695FL_14 Datasheet
3Mb / 42P
   Integer Unit Based on SPARC V7 High-performance RISC Architecture
More results

Similar Description - TSC695FL-15SASB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com