Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X0202MA1BA2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # X0202MA1BA2
Description  1.25A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202MA1BA2 Datasheet(HTML) 6 Page - STMicroelectronics

  X0202MA1BA2 Datasheet HTML 1Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 2Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 3Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 4Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 5Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
X02 Series
6/6
FOOTPRINT DIMENSIONS (in millimeters)
SOT-223 (Plastic)
PACKAGE MECHANICAL DATA
SOT-223 (Plastic)
A
A1
B
e1
D
B1
H
E
e
c
V
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.80
0.071
A1
0.02
0.1
0.0008
0.004
B
0.60
0.70
0.85
0.024
0.027
0.034
B1
2.90
3.00
3.15
0.114
0.118
0.124
c
0.24
0.26
0.35
0.009
0.010
0.014
D
6.30
6.50
6.70
0.248
0.256
0.264
e
2.3
0.090
e1
4.6
0.181
E
3.30
3.50
3.70
0.130
0.138
0.146
H
6.70
7.00
7.30
0.264
0.276
0.287
V
10° max
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
http://www.st.com


Similar Part No. - X0202MA1BA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202MA1BA2 STMICROELECTRONICS-X0202MA1BA2 Datasheet
136Kb / 11P
   1.25 A sensitive gate SCR
More results

Similar Description - X0202MA1BA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202NN-5BA4 STMICROELECTRONICS-X0202NN-5BA4 Datasheet
147Kb / 6P
   1.25A SCRs
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com