Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

291A-04 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 291A-04
Description  SMD Air Wound Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

291A-04 Datasheet(HTML) 2 Page - Frontier Electronics.

  291A-04 Datasheet HTML 1Page - Frontier Electronics. 291A-04 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Air Coil: P/N 291A & 291B Series
Rev. B
Feb. 01 2007. Page: 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Air Wound Coils—291A & 291B series
E. Characteristic curve:
1. L vs. Frequency:
291A Series
291B Series
2. Typical Q vs. Frequency:
291A Series
291B Series
0
5
10
15
20
25
10
100
1000
1000
Frequency (MHz)
291A-05
291A-04
291A-03
291A-02
291A-01
0
50
100
150
10
100
1000
10000
Frequency (MHz)
291B-06
291B-07
291B-08
291B-09
291B-10
0
30
60
90
120
150
180
210
100
1000
10000
Frequency(MHz)
Q
291A-01
291A-02
291A-03
291A-04
291A-05
0
20
40
60
80
100
120
140
100
1000
Frequency (MHz)
Q
291B-10
291B-09
291B-07
291B-08
291B-06


Similar Part No. - 291A-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
121Kb / 5P
   Tape and Reel Specifications
291A01 FRONTIER-291A01 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
291A02 FRONTIER-291A02 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
291A03 FRONTIER-291A03 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
291A04 FRONTIER-291A04 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
More results

Similar Description - 291A-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
292A FRONTIER-292A Datasheet
75Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
   SMD Air Wound Coils
294A FRONTIER-294A Datasheet
70Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A_15 Datasheet
241Kb / 2P
   SMD AIR WOUND COIL
LSQ0806A FRONTIER-LSQ0806A Datasheet
234Kb / 2P
   SMD AIR WOUND COIL
291A FRONTIER-291A_15 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
LSQ0908A FRONTIER-LSQ0908A Datasheet
237Kb / 2P
   SMD AIR WOUND COIL
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
LSQ0807A FRONTIER-LSQ0807A Datasheet
249Kb / 2P
   SMD AIR WOUND COIL
294A FRONTIER-294A_15 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com