Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

294A-15 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 294A-15
Description  SMD Air Wound Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

294A-15 Datasheet(HTML) 1 Page - Frontier Electronics.

  294A-15 Datasheet HTML 1Page - Frontier Electronics. 294A-15 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Air Coil: P/N 294A-series
Rev. A
Jan. 01, 2006. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Air Wound Coils—294A series
A.
Electrical specifications:
Part
No.
Turns
L (nH)
Tolerance
Q
(min)
Q
(Typ)
Test
Freq.
DCR
(m
Ω)
SRF min
(MHz)
I DC
(A max.)
294A-09
9
90
J, G
95
114
50 MHz
15
1140
3.5
294A-10
10
111
J, G
87
104
50 MHz
15
1020
3.5
294A-11
11
130
J, G
87
104
50 MHz
20
900
3.0
294A-12
12
169
J, G
95
114
50 MHz
25
875
3.0
294A-13
13
206
J, G
95
114
50 MHz
30
800
3.0
294A-14
14
222
J, G
92
110
50 MHz
35
730
3.0
294A-15
15
246
J, G
95
114
50 MHz
35
685
3.0
294A-16
16
307
J, G
95
114
50 MHz
35
660
3.0
294A-17
17
380
J, G
95
114
50 MHz
50
590
2.5
294A-18
18
422
J, G
95
114
50 MHz
60
540
2.5
294A-19
19
491
J, G
95
114
50 MHz
65
535
2.0
294A-20
20
538
J, G
87
104
50 MHz
90
490
2.0
B.
Mechanical dimensions: (Unit: mm)
Series No.
a
b
c
d
e
294A
6.35(MAX)
1.02±0.39
5.9(MAX)
10.55(MAX)
7.98±0.51
Mechanical dimension
Land Pattern
C.
Land Pattern: (Unit: mm)
Series No.
a
b
c
d
e
294A
10.0
4.70
5.95
2.42
2.04
D.
Notes:
1. Tolerance: J = ± 5 % or G= ± 2 %.
2. Inductance & Q measured on the HP4291B with HP16193 test fixture.
3. SRF measured on the HP8753E.
4. Operating temp. : -40ºC TO +125ºC.
5. For Temperature Rise: 15ºC.
6. Inductance Range: (@ 25ºC.)
294A: From 90nH to 538nH.
7. Equivalent to Coilcraft’s “Maxi Spring” Air Core Inductor.
8.
RoHS compliant.


Similar Part No. - 294A-15

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
294A FRONTIER-294A Datasheet
121Kb / 5P
   Tape and Reel Specifications
294A FRONTIER-294A Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
294A09 FRONTIER-294A09 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
294A10 FRONTIER-294A10 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
294A11 FRONTIER-294A11 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
More results

Similar Description - 294A-15

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
66Kb / 2P
   SMD Air Wound Coils
292A FRONTIER-292A Datasheet
75Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A_15 Datasheet
241Kb / 2P
   SMD AIR WOUND COIL
LSQ0806A FRONTIER-LSQ0806A Datasheet
234Kb / 2P
   SMD AIR WOUND COIL
291A FRONTIER-291A_15 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
LSQ0908A FRONTIER-LSQ0908A Datasheet
237Kb / 2P
   SMD AIR WOUND COIL
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
LSQ0807A FRONTIER-LSQ0807A Datasheet
249Kb / 2P
   SMD AIR WOUND COIL
294A FRONTIER-294A_15 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com