Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X0202NA1BA2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # X0202NA1BA2
Description  1.25A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202NA1BA2 Datasheet(HTML) 4 Page - STMicroelectronics

  X0202NA1BA2 Datasheet HTML 1Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 2Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 3Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 4Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 5Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
X02 Series
4/6
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout) (SOT-223/
TO-92).
Fig. 3: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(SOT-223/TO-92).
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 5: Relative variation of holding current
versus gate-cathode resistance (typical values).
Fig. 6:
Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values).
Fig. 7: Relative variation of dV/dt immunity
versus gate-cathode capacitance (typical values).
SOT-223
SOT-223
TO-92
TO-92
IT(av)(A)
025
50
75
100
125
0.8
1.4
1.2
1.0
0.6
0.4
0.2
0.0
Tamb(°C)
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K = [Zth(j-a)/Rth(j-a)]
tp(s)
SOT-223
TO-92
IGT, IH, IL[Tj]/IGT, IH, IL[Tj] = 25°C]
1.50
1.25
1.00
0.75
0.50
0.25
0.00
-40
-20
0
20
40
60
80
100
120 140
Tj(°C)
1E-2
1E-1
1E+0
1E+1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IH[Rgk] / IH[Rgk = 1 k
Ω]
Tj = 25°C
Rgk(k
Ω)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
Tj = 125°C
VD = 0.67xVDRM
dV/dt[Rgk]/dV/dt [Rgk=1k
Ω]
Rgk(k
Ω)
dV/dt[Cgk] / dV/dt[Rgk = 1k ]
20
18
16
14
12
10
8
6
4
2
0
0
24
68
10
12
14
16
18
20
22
Cgk(nF)


Similar Part No. - X0202NA1BA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202NA1BA2 STMICROELECTRONICS-X0202NA1BA2 Datasheet
136Kb / 11P
   1.25 A sensitive gate SCR
More results

Similar Description - X0202NA1BA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202NN-5BA4 STMICROELECTRONICS-X0202NN-5BA4 Datasheet
147Kb / 6P
   1.25A SCRs
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com