Electronic Components Datasheet Search |
|
SM320CC6713GJC20EP Datasheet(PDF) 5 Page - Texas Instruments |
|
SM320CC6713GJC20EP Datasheet(HTML) 5 Page - Texas Instruments |
5 / 123 page 1 FEATURES 2 SUPPORTS DEFENSE, AEROSPACE, AND MEDICAL APPLICATIONS SM320C6713-EP SM320C6713B-EP FLOATING-POINT DIGITAL SIGNAL PROCESSORS www.ti.com SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008 • 32 Bit External Memory Interface (EMIF) • Highest Performance Floating Point Digital Signal Processors (DSPs): C6713/C6713B – Glueless Interface to SRAM, EPROM, Flash, SBSRAM, and SDRAM – Eight 32 Bit Instructions/Cycle – 512M Byte Total Addressable External – 32/64 Bit Data Word Memory Space – 200 and 300 MHz Clock Rate • Enhanced Direct Memory Access (EDMA) – 5 Instruction Cycle Times Controller (16 Independent Channels) – 2400/1800 and 1600/1200 MIPS/MFLOPS • 16 Bit Host Port Interface (HPI) – Rich Peripheral Set, Optimized for Audio – Highly Optimized C/C++ Compiler • Two Multichannel Audio Serial Ports (McASPs) – Two Independent Clock Zones Each • Advanced Very Long Instruction Word (VLIW) (One TX and One RX) 320C67x™ DSP Core – Eight Serial Data Pins Per Port: Individually – Eight Independent Functional Units: Assignable to any of the Clock Zones • Two ALUs (Fixed Point) – Wide Variety of I2S™ and Similar Bit Stream • Four ALUs (Floating Point and Fixed Formats Point) – Integrated Digital Audio Interface • Two Multipliers (Floating Point and Transmitter (DIT) Fixed Point) – Extensive Error Checking and Recovery – Load Store Architecture With 32 32-Bit • Two Inter-Integrated Circuit Bus (I2C™ Bus) General Purpose Registers Multi-Master and Slave Interfaces – Instruction Packing Reduces Code Size – All Instructions Conditional • Two Multichannel Buffered Serial Ports: – Serial Peripheral Interface (SPI) • Instruction Set Features – High Speed TDM Interface – Native Instructions for IEEE 754 – AC97 Interface – Byte Addressable (8/16/32 Bit Data) – 8 Bit Overflow Protection • Two 32 Bit General Purpose Timers – Saturation; Bit-Field Extract, Set, Clear; • Dedicated GPIO Module With 16 Pins (External Bit-Counting; Normalization Interrupt Capable) • L1/L2 Memory Architecture • Flexible Phase Locked Loop (PLL) Based – 4K Byte L1P Program Cache Clock Generator Module (Direct-Mapped) • IEEE-1149.1 (JTAG)(1) Boundary-Scan – 4K Byte L1D Data Cache (2-Way) Compatible – 256K Byte L2 Memory Total: 64K-Byte L2 • 272 Ball, Ball Grid Array Package (GDP) Unified Cache/Mapped RAM, and 192K Byte • 0.13 µm/6 Level Copper Metal Process Additional L2 Mapped RAM – CMOS Technology • Device Configuration • 3.3 V I/Os, 1.26 V Internal – Boot Mode: HPI, 8/16/32 Bit ROM Boot (1) IEEE Standard 1149.1-1990 Standard-Test-Access Port and – Endianness: Little Endian, Big Endian Boundary Scan Architecture. break • Controlled Baseline • Extended Product Life Cycle • One Assembly/Test Site • Extended Product-Change Notification • One Fabrication Site • Product Traceability • Available in Military (–55°C/125°C) Temperature Range(2) (2) Custom temperature ranges available Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this document. PRODUCTION DATA information is current as of publication date. Copyright © 2003–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SM320CC6713GJC20EP |
|
Similar Description - SM320CC6713GJC20EP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |