Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08054C103JAT9A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08054C103JAT9A
Description  Dielectric General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08054C103JAT9A Datasheet(HTML) 4 Page - AVX Corporation

  08054C103JAT9A Datasheet HTML 1Page - AVX Corporation 08054C103JAT9A Datasheet HTML 2Page - AVX Corporation 08054C103JAT9A Datasheet HTML 3Page - AVX Corporation 08054C103JAT9A Datasheet HTML 4Page - AVX Corporation 08054C103JAT9A Datasheet HTML 5Page - AVX Corporation 08054C103JAT9A Datasheet HTML 6Page - AVX Corporation 08054C103JAT9A Datasheet HTML 7Page - AVX Corporation 08054C103JAT9A Datasheet HTML 8Page - AVX Corporation 08054C103JAT9A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
15
X7R Dielectric
Capacitance Range
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
MM
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
MM
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
MM
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
6.3
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
J
J
J
J
J
J
M
2200
J
J
J
J
J
J
M
3300
J
J
J
J
J
J
M
4700
J
J
J
J
J
J
M
6800
J
J
J
J
J
J
M
Cap
0.010
J
J
J
J
J
J
M
K
K
K
K
M
M
X
X
X
X
M
P
(µF
0.015
J
J
J
J
J
J
P
K
K
K
P
M
M
X
X
X
X
M
P
0.022
J
J
J
J
J
J
Q
K
K
K
P
M
M
X
X
X
X
M
P
0.033
J
J
J
J
J
J
K
K
K
X
M
M
X
X
X
X
M
P
0.047
J
J
J
J
J
J
K
K
K
Z
M
M
X
X
X
X
M
P
0.068
J
J
J
J
J
M
K
K
K
M
M
X
X
X
X
M
P
0.10
J
J
J
J
J
M
K
K
K
M
M
X
X
X
X
M
P
0.15
J
J
J
J
M
K
K
P
M
M
X
X
X
X
M
P
0.22
J
J
J
J
P
K
K
P
M
M
X
X
X
M
P
0.33
J
J
J
J
Z
K
M
M
M
X
X
X
M
P
0.47
M
M
M
M
Z
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
Z
M
Q
M
X
X
X
M
P
1.0
N
N
P
X
Z
M
X
M
Z
M
P
1.5
N
N
MM
X
2.2
X
Z
M
3.3
4.7
Q
Z
10
Z
22
47
100
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
6.3
50
100
200
50
100
SIZE
1210
1812
1825
2220
2225
L
W
T
t


Similar Part No. - 08054C103JAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08054C103JAT9A AVX-08054C103JAT9A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
08054C103JAT9A AVX-08054C103JAT9A Datasheet
131Kb / 4P
   General Specifications
08054C103JAT9A AVX-08054C103JAT9A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 08054C103JAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12104D107MAT2A AVX-12104D107MAT2A Datasheet
69Kb / 3P
   Dielectric General Specifications
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12065C105MAT2A AVX-12065C105MAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com