Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C291C Datasheet(PDF) 4 Page - STMicroelectronics

Part # WS57C291C
Description  HIGH SPEED 2K x 8 CMOS PROM/RPROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C291C Datasheet(HTML) 4 Page - STMicroelectronics

  WS57C291C Datasheet HTML 1Page - STMicroelectronics WS57C291C Datasheet HTML 2Page - STMicroelectronics WS57C291C Datasheet HTML 3Page - STMicroelectronics WS57C291C Datasheet HTML 4Page - STMicroelectronics WS57C291C Datasheet HTML 5Page - STMicroelectronics WS57C291C Datasheet HTML 6Page - STMicroelectronics WS57C291C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WS57C191C/291C
2-10
SYMBOL
PARAMETER
CONDITIONS
TYP(5)
MAX
UNITS
CIN
Input Capacitance
VIN = 0V
4
6
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CVPP
VPP Capacitance
VPP = 0 V
18
25
pF
CAPACITANCE(4) T
A = 25 °C, f = 1 MHz
30 pF
(INCLUDING SCOPE
AND JIG
CAPACITANCE)
98
2.01 V
D.U.T.
A.C. TESTING INPUT/OUTPUT WAVEFORM
TEST LOAD (High Impedance Test Systems)
3.0
0.0
1.5
1.5
TEST
POINTS
NOTE: 6. Provide adequate decoupling capacitance as close as possible to this device to achieve the published A.C. and D.C. parameters.
A 0.1 microfarad capacitor in parallel with a 0.01 microfarad capacitor connected between VCC and ground is recommended.
Inadequate decoupling may result in access time degradation or other transient performance failures.
NOTES: 4. This parameter is only sampled and is not 100% tested.
5.Typical values are for TA = 25°C and nominal supply voltages.
A.C. testing inputs are driven at 3.0 V for a logic "1" and 0.0 V for a
logic "0." Timing measurements are made at 1.5 V for input and
output transitions in both directions.


Similar Part No. - WS57C291C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C291C STMICROELECTRONICS-WS57C291C Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C291C-1 STMICROELECTRONICS-WS57C291C-1 Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C291C-35 STMICROELECTRONICS-WS57C291C-35 Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C291C-35TMB STMICROELECTRONICS-WS57C291C-35TMB Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C291C-45 STMICROELECTRONICS-WS57C291C-45 Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C291C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
   HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57LV291C STMICROELECTRONICS-WS57LV291C Datasheet
47Kb / 6P
   HIGH SPEED 3.3 VOLT 2K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
   HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
   HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
   HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com