Electronic Components Datasheet Search |
|
12056R8K Datasheet(PDF) 2 Page - Frontier Electronics. |
|
12056R8K Datasheet(HTML) 2 Page - Frontier Electronics. |
2 / 2 page Axial Leads Coated Choke P/N 1205 Series Rev. A June 01, 2006 Page 2 of 2 Specifications Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com RF Coated Chokes (Axial Leads)—1205 series B. Mechanical Dimensions: Mechanical drawing C. General Information: 1. Coil Form Material: Ferrite 2. Body Size: 7.37 x 2.79 mm 3. Inductance (Current) ranges: 0.10uH (1.15A) - 1000uH (60mA) 4. Inductance Tolerance: M:±20%, K: ±10%, J:±5%. 5. DCR: from 0.075 - 26.0 Ohms. 6. Other information: Spec. / Series 1201 to 1211 Series 1310 to 1501 Series Operating Temperature: - 20 °C to + 80°C Phenolic: 125 °C Max. Ferrite: 105 °C Max. Temp. Rise: 20 °C Phenolic: 35 °C Max. Ferrite: 15 °C Max. Ambient Temperature: 90 °C Max. Terminal Strength: 3 lb. Marking: Color Code in accordance with EIA Color Code in accordance with MIL-C-15305 D Moisture & Heat Resist.: ∆ L/L < +5% ∆ Q/Q < +10% Dielectric Strength: 1KV rms. Test Equipment: L & Q = HP4342A at specified frequency DCR = Milli-Ohm meter, SRF = HP4191A 7. Color Code for RF Coated Chokes: Color Black Brown Red Orange Yellow Green Blue Violet Gray White Gold Silver None Digit 0 1 2 3 4 5 6 7 8 9 - - - - - - Multiplier 1 10 100 1000 10,000 - - - - - - - - - - 0.1 0.01 - - Tolerance - - - - - - 3% - - - - - - - - - - - - 5% 10% 20% Color Code Note: RoHS compliant; for the RoHS parts, we add “-LFR” at the end of the P/N. Example foe color code on Molded Inductor: Inductance (µH) 1st Band 2nd Band 3rd Band 4th Band 0.68 + 10% Blue Gray Silver Silver 6.8 + 10% Blue Gray Gold Silver 68 + 10% Blue Gray Black Silver |
Similar Part No. - 12056R8K |
|
Similar Description - 12056R8K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |