Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2101-03 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 2101-03
Description  Insert Molded Coil
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

2101-03 Datasheet(HTML) 1 Page - Frontier Electronics.

  2101-03 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IMC 2101 series
Mar. 01, 2002 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Insert Molded Coil—2101 series
A.
Mechanical Drawing:
B.
Electrical Specification:
Part No.
Turns
L min.
L nom.
L max.
Q min @ L nom.
Color
2101-01
1.5
0.045
0.046
0.048
110
Brown
2101-02
2.5
0.073
0.081
0.090
136
Red
2101-03
3.5
0.106
0.124
0.144
145
Orange
2101-04
4.5
0.139
0.168
0.204
120
Yellow
2101-05
5.5
0.180
0.224
0.278
125
Green
2101-06
6.5
0.221
0.282
0.361
126
Blue
2101-07
7.5
0.263
0.339
0.437
126
Violet
2101-08
8.5
0.311
0.406
0.531
130
Gray
2101-09
9.5
0.355
0.468
0.617
130
White
2101-10
10.5
0.410
0.538
0.707
135
Black
2101-11
11.5
0.452
0.590
0.769
140
Brown
2101-12
12.5
0.495
0.651
0.855
140
Red
2101-13
13.5
0.547
0.717
0.940
145
Orange
2101-14
14.5
0.589
0.770
1.007
146
Yellow
2101-15
15.5
0.651
0.831
1.061
150
Green
2101-16
16.5
0.683
0.866
1.099
150
Blue
2101-17
17.5
0.735
0.923
1.159
150
Violet
2101-18
18.5
0.788
0.992
1.249
150
Gray
2101-19
19.5
0.819
1.021
1.272
95
White
2101-20
20.5
0.887
1.101
1.367
95
Black
2101-21
21.5
0.945
1.106
1.425
98
Brown
2101-22
22.5
0.996
1.207
1.463
98
Red
2101-23
23.5
1.050
1.271
1.539
100
Orange
C.
Features:
1. Plastic molded.
2. High reliability.
3. Low cost.
D. Measurement:
1. Q and L measured with leads connected directly.
2. L min. measured with core halfway out of the top of the form.
3. Inductance greater than 0.1uH read at recommended Q meter frequency.
4. Inductance below 0.1uH calculated from readings taken at 50MHz.
E.
Test equipment: Q meter (HP 4342A)


Similar Part No. - 2101-03

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
2101-3-00-80-00-00-07-0 MILL-MAX-2101-3-00-80-00-00-07-0 Datasheet
467Kb / 1P
   SOLDER TERMINAL TURRETS
logo
RAF ELECTRONIC HARDWARE
2101-440-AL RAF-2101-440-AL Datasheet
80Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2101-440-N RAF-2101-440-N Datasheet
80Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2101-440-SS RAF-2101-440-SS Datasheet
80Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2101-632-AL RAF-2101-632-AL Datasheet
77Kb / 1P
   1/4 HEX FEMALE STANDOFFS
More results

Similar Description - 2101-03

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
2432 FRONTIER-2432 Datasheet
32Kb / 1P
   Insert Molded Coil
2303 FRONTIER-2303 Datasheet
28Kb / 1P
   Insert Molded Coil
2427 FRONTIER-2427 Datasheet
48Kb / 1P
   Insert Molded Coil
2431 FRONTIER-2431 Datasheet
31Kb / 1P
   Insert Molded Coil
2433 FRONTIER-2433 Datasheet
33Kb / 1P
   Insert Molded Coil
2901 FRONTIER-2901 Datasheet
46Kb / 1P
   Insert Molded Coil
2428 FRONTIER-2428 Datasheet
48Kb / 1P
   Insert Molded Coil
2430 FRONTIER-2430 Datasheet
31Kb / 1P
   Insert Molded Coil
2434 FRONTIER-2434 Datasheet
33Kb / 1P
   Insert Molded Coil
2429 FRONTIER-2429 Datasheet
45Kb / 1P
   Insert Molded Coil
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com