Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805YC103MA79A Datasheet(PDF) 8 Page - AVX Corporation

Part # 0805YC103MA79A
Description  Dielectric General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805YC103MA79A Datasheet(HTML) 8 Page - AVX Corporation

Back Button 0805YC103MA79A Datasheet HTML 4Page - AVX Corporation 0805YC103MA79A Datasheet HTML 5Page - AVX Corporation 0805YC103MA79A Datasheet HTML 6Page - AVX Corporation 0805YC103MA79A Datasheet HTML 7Page - AVX Corporation 0805YC103MA79A Datasheet HTML 8Page - AVX Corporation 0805YC103MA79A Datasheet HTML 9Page - AVX Corporation 0805YC103MA79A Datasheet HTML 10Page - AVX Corporation 0805YC103MA79A Datasheet HTML 11Page - AVX Corporation 0805YC103MA79A Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
63
Bulk Case Packaging
CASE QUANTITIES
Part Size
0402
0603
0805
1206
Qty.
10,000 (T=.023")
5,000 (T=.023")
(pcs / cassette)
80,000
15,000
8,000 (T=.031")
4,000 (T=.032")
6,000 (T=.043")
3,000 (T=.044")
BENEFITS
BULK FEEDER
• Easier handling
• Smaller packaging volume
(1/20 of T/R packaging)
• Easier inventory control
• Flexibility
• Recyclable
CASE DIMENSIONS
Shutter
Slider
Attachment Base
110mm
12mm
36mm
Case
Cassette
Gate
Shooter
Chips
Expanded Drawing
Mounter
Head


Similar Part No. - 0805YC103MA79A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805YC103MA79A AVX-0805YC103MA79A Datasheet
338Kb / 20P
   General Specifications
0805YC103MA79A AVX-0805YC103MA79A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
0805YC103MA79A AVX-0805YC103MA79A Datasheet
131Kb / 4P
   General Specifications
0805YC103MA79A AVX-0805YC103MA79A Datasheet
148Kb / 4P
   General Specifications
0805YC103MA79A AVX-0805YC103MA79A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 0805YC103MA79A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12104D107MAT2A AVX-12104D107MAT2A Datasheet
69Kb / 3P
   Dielectric General Specifications
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12065C105MAT2A AVX-12065C105MAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com