Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1306F-2R2 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1306F-2R2
Description  SMD Molded Wire Wound Ferrite Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1306F-2R2 Datasheet(HTML) 2 Page - Frontier Electronics.

  1306F-2R2 Datasheet HTML 1Page - Frontier Electronics. 1306F-2R2 Datasheet HTML 2Page - Frontier Electronics. 1306F-2R2 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Wire Wound Ferrite Chip Inductor: P/N 1306F-series
Rev. A
Jan. 01, 2006. Page: 2 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors—1306F series
B.
Dimensions: (Unit: mm)
SERIES
A (Max.)
B (Max.)
C (Max.)
D (Max.)
E
F
1306F
3.60
1.60
1.60
2.00
1.02
1.40
C.
Mechanical Drawing:
D.
Color coding:
1. These parts are marked with single color dot.
2. The dot represented inductance value shows on the table.
E.
General information:
1.
Tolerance: M: ± 20%, K: ± 10%, J: ± 5%.
2.
Operating temperature: -40ºC TO +125ºC.
3.
Electrical specifications at 25ºC.
4.
For 15ºC Temperature Rise.
5.
Small and light weight surface mounting type.
6.
Coil body made of ferrite material in chip form.
7.
High Q at high frequency.
8.
High self-resonance frequency.
9.
Inductance & Q measured using the HP4291B.
10. SRF measured using the HP8720D or HP8753E.
11. DCR measured using the 502BC.
12. Inductance & current Range: From 0.010uH (500mA) to 22uH (80mA).
13.
RoHS compliant.
F.
Applications:
Pagers.
Mobile communication units.
Portable telephone.
Hybrid.
Special specifications are available for customer’s requirement.
Land Pattern
E
D
E
A
C
B
3.70 Max.
Identifier for 1306F series.
Top view
0 = Black
5=Green
1 = Brown
6=Blue
2 = Red
7 = Violet
3 = Orange
8 = Gray
4 = Yellow
9 = White
Color code table


Similar Part No. - 1306F-2R2

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1306F-2R2J FRONTIER-1306F-2R2J Datasheet
90Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
1306F-2R2K FRONTIER-1306F-2R2K Datasheet
90Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
1306F-2R2M FRONTIER-1306F-2R2M Datasheet
90Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
More results

Similar Description - 1306F-2R2

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1306F-10NM FRONTIER-1306F-10NM Datasheet
90Kb / 3P
   SMD Molded Wire Wound Ferrite Chip Inductors
CF252018 FRONTIER-CF252018 Datasheet
223Kb / 2P
   SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
CF453232 FRONTIER-CF453232 Datasheet
51Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com