Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3112-14 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 3112-14
Description  Common Mode Line Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

3112-14 Datasheet(HTML) 1 Page - Frontier Electronics.

  3112-14 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Line Filter P/N: 3112 Series
Jan, 05, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Common Mode Line Filters—3112 series
A. Specifications:
Part
Number
Inductance
(uH)
/ L1-L2/
(uH) Max.
DCR
(OHMS) Max.
Rated Current
(A) RMS.
3112-11
2 x 0.4
0.04
0.06
2.6
3112-12
2 x 1.0
0.10
0.10
2.0
3112-13
2 x 3.3
0.33
0.17
1.5
3112-14
2 x 6.8
0.68
0.28
1.2
3112-15
2 x 10
1.00
0.55
0.7
3112-16
2 x 15
1.50
0.83
0.5
3112-17
2 x 27
2.70
1.80
0.4
3112-18
2 x 39
3.90
1.90
0.4
Original P/N is 3110122-series. (All the spec remains the same, except Frontier reassign the P/N and change to 3112-series.)
B. Mechanical Dimensions:
C. General information:
1. Test Condition: 1.0KHz / 1V.
2. Electrical specifications at 25ºC.
3. Temperature Rise: 40ºC.
4. Operating temperature: -20ºC TO +105ºC.
5. Insulation Resistance: 100M OHMS at 500VDC.
6. Rated Voltage: 100V to 270V / 50-60 Hz.
7. Hi-Pot Voltage: 1500VAC for one minute.
8. For “LEAD FREE” / “RoHS” parts, we add “-LF” / “-LFR” after the part number.
Custom specifications are available.


Similar Part No. - 3112-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3112 ETC2-3112 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3112 ETC2-3112 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
logo
KR Electronics, Inc.
3112 KR-3112 Datasheet
57Kb / 3P
   300 MHz Bandpass Filter
logo
List of Unclassifed Man...
3112 ETC2-3112 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3112 HEYCO-3112 Datasheet
120Kb / 1P
   Thick Panel Snap Bushings
More results

Similar Description - 3112-14

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS24XX FRONTIER-CFS24XX Datasheet
115Kb / 1P
   Common Mode Line Filters
CFU1001 FRONTIER-CFU1001 Datasheet
109Kb / 1P
   Common Mode Line Filters
logo
List of Unclassifed Man...
CFU1101 ETC-CFU1101 Datasheet
39Kb / 1P
   Common Mode Line Filters
logo
Frontier Electronics.
CFU1101 FRONTIER-CFU1101 Datasheet
99Kb / 1P
   Common Mode Line Filters
3110122 FRONTIER-3110122 Datasheet
101Kb / 1P
   Common Mode Line Filters
CFS3501 FRONTIER-CFS3501 Datasheet
105Kb / 1P
   Common Mode Line Filters
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
   Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
   Common Mode Line Filters
CMP2515 FRONTIER-CMP2515 Datasheet
104Kb / 1P
   Common Mode Line Filters
CFS2001 FRONTIER-CFS2001 Datasheet
99Kb / 1P
   Common Mode Line Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com