Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210390-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1210390-LFR
Description  RF Coated Chokes (Axial Leads)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1210390-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  1210390-LFR Datasheet HTML 1Page - Frontier Electronics. 1210390-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Leads Coated Choke P/N 1210 Series
Rev. A
June 01, 2006 Page 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
RF Coated Chokes (Axial Leads)—1210 series
A. Electrical Specifications:
Part Number
Inductance
(µH)
Q Min.
Test Freq.
(MHz)
SRF Min.
(MHz)
DCR
(OHM) Max.
Rated Current
(mA) Max.
1210R22
0.22
35
25.2
150
0.40
400
1210R27
0.27
35
25.2
150
0.43
380
1210R33
0.33
35
25.2
150
0.48
370
1210R39
0.39
35
25.2
150
0.51
350
1210R47
0.47
35
25.2
150
0.56
330
1210R56
0.56
35
25.2
150
0.61
320
1210R68
0.68
35
25.2
150
0.67
310
1210R82
0.82
35
25.2
150
0.74
290
12101R0
1.0
35
25.2
120
0.80
270
12101R2
1.2
40
7.96
110
0.90
260
12101R5
1.5
40
7.96
80
1.0
250
12101R8
1.8
40
7.96
60
1.1
240
12102R2
2.2
40
7.96
45
1.2
230
12102R7
2.7
40
7.96
40
1.3
220
12103R3
3.3
40
7.96
38
1.4
210
12103R9
3.9
40
7.96
35
1.6
200
12104R7
4.7
40
7.96
32
1.7
190
12105R6
5.6
40
7.96
30
1.9
180
12106R8
6.8
40
7.96
28
2.0
175
12108R2
8.2
40
7.96
26
2.2
165
1210100
10
40
7.96
24
2.5
160
1210120
12
40
2.52
22
2.5
150
1210150
15
40
2.52
20
2.8
145
1210180
18
40
2.52
18
3.1
140
1210220
22
40
2.52
17
3.4
130
1210270
27
40
2.52
16
4.3
80
1210330
33
40
2.52
14
4.7
76
1210390
39
40
2.52
13
5.2
74
1210470
47
40
2.52
12
5.8
70
1210560
56
40
2.52
11
6.4
68
1210680
68
40
2.52
10
7.2
64
1210820
82
40
2.52
9.5
11
46
1210101
100
40
2.52
9.0
12
44
1210121
120
40
0.796
8.0
13
42
1210151
150
40
0.796
6.0
16
39
1210181
180
40
0.796
5.5
18
37
1210221
220
40
0.796
5.0
20
35
1210271
270
40
0.796
4.5
22
33
1210331
330
40
0.796
4.0
25
31
Specifications
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - 1210390-LFR

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
12103.0-00 STEGO-12103.0-00 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
12103.0-30 STEGO-12103.0-30 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
logo
Knowles Electronics
121031000103JXTXXX KNOWLES-121031000103JXTXXX Datasheet
2Mb / 16P
   Non-magnetic Surface Mount & Ribbon Leaded MLC Capacitors
23-Sep-21
logo
Molex Electronics Ltd.
1210350133 MOLEX-1210350133 Datasheet
22Kb / 1P
   Micro-Change (M12) to Brad mPm DIN Form A - 18mm Cordset, 5 Poles, Male (Straight) to Male (90°), 0.60m (1.97) Length
03/08/2023
1210350202 MOLEX-1210350202 Datasheet
23Kb / 1P
   Micro-Change (M12) to Brad mPm DIN Form A - 18mm Cordset, 5 Poles, Male (90°), 1.50m (4.92) Length, 24V
02/02/2023
More results

Similar Description - 1210390-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206 FRONTIER-1206 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1202 FRONTIER-1202 Datasheet
125Kb / 2P
   RF Coated Chokes (Axial Leads)
1211 FRONTIER-1211 Datasheet
130Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1206 FRONTIER-1206_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
11407 FRONTIER-11407 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com