Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGOV5S3-12.800 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # CGOV5S3-12.800
Description  14 PIN DIP 5.0V STRATUM 3 OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

CGOV5S3-12.800 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  CGOV5S3-12.800 Datasheet HTML 1Page - Connor-Winfield Corporation CGOV5S3-12.800 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
CGOV5S3 is a hermetically
sealed 14 Pin DIP 5.0V Oven
Controlled Crystal Oscillator
(OCXO) with an HCMOS
output. The CGOV5S3 is
designed for Stratum 3
applications requiring low
jitter and tight frequency
stability.
1
2
CGOV5S3
- 12.800MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
FREQUENCY ADJUST
5.0V OPERATION
LOW JITTER <3pS RMS
TEMPERATURE STABILITY
±0.25ppm
FREQUENCY TOLERANCE OF
±4.6ppm OVER TEN YEARS
14 PIN DIP 5.0V STRATUM 3 OCXO
Cx014
00
11/6/01
www.conwin.com
CGOV5S3
CW 0107
CGOV5S3
12.800M
Notes:
1) Frequency vs. temperature stability, Vc = 2.18V.
2) Inclusive of calibration, operating temperature range, supply voltage change, load change, shock
and vibration, 10 years aging, Vc = 2.18V.
3) Measured @ 25
°C, within 5 minutes, the unit will be within +/-0.1ppm of its reference frequency,
measured after 30 minutes of continuous operation at a stable 25
°C
4) Referenced to Fo @ 25°C, Positive Transfer Characteristic
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
Control Voltage
(Vc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
12.352
12.800
16.384
19.440
MHz
Frequency Stability
-0.25
-
0.25
ppm
1
Total Frequency Tolerance
-4.6
-
4.6
ppm
2
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
4.75
5.00
5.25
Vdc
Supply Current
(Icc)
-
-
300
mA
Jitter (BW=12kHz to 20MHz)
-
-
3
ps rms
SSB Phase Noise at 10Hz offset
-
-75
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-130
-
dBc/Hz
Start Up Time: Oscillator
-
-
10
mS
Warm Up Time
-
-
5
Minutes
3
TDEV @ 1.0 Sec.
-
-
1
nS
TDEV @ 4.0 Sec.
-
-
2
nS
INTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Control Voltage Range
(Vc)
0.5
2.18
4.1
Vdc
Frequency at Vc=0.5 Vdc
-30
-
-18
ppm
4
Frequency at Vc=4.1 Vdc
18
-
30
ppm
4
Slope of Frequency Adjust
5
-
-
ppm/V
Input Impedance
100k
-
-
Ohm
HCMOS OUTPUT
CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pf
Voltage
(High)
(Voh)
4.5
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
mA
(Low)
(Ioh)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
nS
PACKAGE CHARACTERISTICS
TABLE 5.0
Package
14 pin DIP, hermetically sealed, grounded case, welded pack age


Similar Part No. - CGOV5S3-12.800

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
CGOV3S3 CONNOR-WINFIELD-CGOV3S3 Datasheet
215Kb / 2P
   14 PIN DIP 3.3V STRATUM 3 HCMOS OCVCXO
CGOV3S3-33.333333M CONNOR-WINFIELD-CGOV3S3-33.333333M Datasheet
215Kb / 2P
   14 PIN DIP 3.3V STRATUM 3 HCMOS OCVCXO
More results

Similar Description - CGOV5S3-12.800

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
BGOV5S3 CONNOR-WINFIELD-BGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 OCXO
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
AGOF5S3 CONNOR-WINFIELD-AGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
CGOF5S3 CONNOR-WINFIELD-CGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
DGOF5S3 CONNOR-WINFIELD-DGOF5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
AGOF5S3P CONNOR-WINFIELD-AGOF5S3P Datasheet
155Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 PLUS HCMOS OCXO
AGOF3S3 CONNOR-WINFIELD-AGOF3S3 Datasheet
220Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO
CGOF3S3 CONNOR-WINFIELD-CGOF3S3 Datasheet
219Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO
OVA5AA1AB CONNOR-WINFIELD-OVA5AA1AB Datasheet
221Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVA5AB1AA CONNOR-WINFIELD-OVA5AB1AA Datasheet
152Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com