Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F320J5-120 Datasheet(PDF) 7 Page - Intel Corporation

Part # E28F320J5-120
Description  5 Volt Intel StrataFlash짰 Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F320J5-120 Datasheet(HTML) 7 Page - Intel Corporation

Back Button E28F320J5-120 Datasheet HTML 3Page - Intel Corporation E28F320J5-120 Datasheet HTML 4Page - Intel Corporation E28F320J5-120 Datasheet HTML 5Page - Intel Corporation E28F320J5-120 Datasheet HTML 6Page - Intel Corporation E28F320J5-120 Datasheet HTML 7Page - Intel Corporation E28F320J5-120 Datasheet HTML 8Page - Intel Corporation E28F320J5-120 Datasheet HTML 9Page - Intel Corporation E28F320J5-120 Datasheet HTML 10Page - Intel Corporation E28F320J5-120 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
28F320J5 and 28F640J5
Datasheet
7
1.0
Product Overview
The Intel StrataFlash® memory family contains high-density memories organized as 8 Mbytes or 4
Mwords (64-Mbit) and 4 Mbytes or 2 Mwords (32-Mbit). These devices can be accessed as 8- or
16-bit words. The 64-Mbit device is organized as sixty-four 128-Kbyte (131,072 bytes) erase
blocks while the 32-Mbits device contains thirty-two 128-Kbyte erase blocks. Blocks are
selectively and individually lockable and unlockable in-system. See the memory map in Figure 4
on page 12.
A Common Flash Interface (CFI) permits software algorithms to be used for entire families of
devices. This allows device-independent, JEDEC ID-independent, and forward- and backward-
compatible software support for the specified flash device families. Flash vendors can standardize
their existing interfaces for long-term compatibility.
Scaleable Command Set (SCS) allows a single, simple software driver in all host systems to work
with all SCS-compliant flash memory devices, independent of system-level packaging (e.g.,
memory card, SIMM, or direct-to-board placement). Additionally, SCS provides the highest
system/device data transfer rates and minimizes device and system-level implementation costs.
A Command User Interface (CUI) serves as the interface between the system processor and
internal operation of the device. A valid command sequence written to the CUI initiates device
automation. An internal Write State Machine (WSM) automatically executes the algorithms and
timings necessary for block erase, program, and lock-bit configuration operations.
A block erase operation erases one of the device’s 128-Kbyte blocks typically within one second—
independent of other blocks. Each block can be independently erased 100,000 times. Block erase
suspend mode allows system software to suspend block erase to read or program data from any
other block.
Each device incorporates a Write Buffer of 32 bytes (16 words) to allow optimum programming
performance. By using the Write Buffer, data is programmed in buffer increments. This feature can
improve system program performance by up to 20 times over non-Write Buffer writes.
Individual block locking uses a combination of bits, block lock-bits and a master lock-bit, to lock
and unlock blocks. Block lock-bits gate block erase and program operations while the master lock-
bit gates block lock-bit modification. Three lock-bit configuration operations set and clear lock-bits
(Set Block Lock-Bit, Set Master Lock-Bit, and Clear Block Lock-Bits commands).
The status register indicates when the WSM’s block erase, program, or lock-bit configuration
operation is finished.
The STS (STATUS) output gives an additional indicator of WSM activity by providing both a
hardware signal of status (versus software polling) and status masking (interrupt masking for
background block erase, for example). Status indication using STS minimizes both CPU overhead
and system power consumption. When configured in level mode (default mode), it acts as a RY/
BY# pin. When low, STS indicates that the WSM is performing a block erase, program, or lock-bit
configuration. STS-high indicates that the WSM is ready for a new command, block erase is
suspended (and programming is inactive), or the device is in reset/power-down mode.
Additionally, the configuration command allows the STS pin to be configured to pulse on
completion of programming and/or block erases.


Similar Part No. - E28F320J5-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F320J5-120 INTEL-E28F320J5-120 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results

Similar Description - E28F320J5-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com