Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC589N Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74HC589N
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC589N Datasheet(HTML) 5 Page - Motorola, Inc

  MC74HC589N Datasheet HTML 1Page - Motorola, Inc MC74HC589N Datasheet HTML 2Page - Motorola, Inc MC74HC589N Datasheet HTML 3Page - Motorola, Inc MC74HC589N Datasheet HTML 4Page - Motorola, Inc MC74HC589N Datasheet HTML 5Page - Motorola, Inc MC74HC589N Datasheet HTML 6Page - Motorola, Inc MC74HC589N Datasheet HTML 7Page - Motorola, Inc MC74HC589N Datasheet HTML 8Page - Motorola, Inc MC74HC589N Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC54/74HC589
High–Speed CMOS Logic Data
DL129 — Rev 6
3–5
MOTOROLA
SWITCHING WAVEFORMS
Figure 1. (Serial Shift/Parallel Load = L)
Figure 2. (Serial Shift/Parallel Load = H)
LATCH CLOCK
QH
tr
tf
VCC
GND
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
SHIFT CLOCK
QH
VCC
GND
50%
50%
tPLH
tPHL
1/fmax
90%
50%
10%
tw
Figure 3.
QH
QH
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
OUTPUT
ENABLE
50%
SERIAL SHIFT/
PARALLEL LOAD
QH
50%
tPLH
50%
VCC
GND
tPHL
50%
tw
Figure 4.
A–H
50%
50%
LATCH CLOCK
VCC
GND
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
DATA VALID
tsu
th
SA
50%
50%
SHIFT CLOCK
VCC
GND
DATA VALID
tsu
th
SERIAL SHIFT/
PARALLEL LOAD
50%
50%
SHIFT CLOCK
VCC
GND
tsu
Figure 5.
Figure 6.
Figure 7.
Figure 8. Test Circuit


Similar Part No. - MC74HC589N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589 ONSEMI-MC74HC589 Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589A ONSEMI-MC74HC589A Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
MC74HC589AD ONSEMI-MC74HC589AD Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
More results

Similar Description - MC74HC589N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC166A KODENSHI-KK74HC166A Datasheet
274Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC166 INTEGRAL-IN74HC166 Datasheet
153Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC595A KODENSHI-KK74HC595A Datasheet
319Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com