Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ126M5X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ126M5X
Description  TinyLogic짰UHS Buffer with 3-STATE Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ126M5X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ126M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ126M5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ126 Rev. 1.10.0
5
AC Electrical Characteristics
Note:
2. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current
consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD
dynamic operating current by the expression: ICCD = (CPD) (VCC) (fIN) + (ICC static).
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C
to +85°C
Units
Fig. No.
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation
Delay
1.65
CL = 15pF, RD = 1MΩ,
S1 = OPEN
2.0
6.4
13.2
2.0
13.8
ns
Figure 1
Figure 3
1.8
2
5.3
11
2
11.5
2.5 ± 0.2
0.8
3.4
7.5
0.8
8.0
3.3 ± 0.3
0.5
2.5
5.2
0.5
5.5
5.0 ± 0.5
0.5
2.1
4.5
0.5
4.8
tPLH, tPHL
Propagation
Delay
3.3 ± 0.3
CL = 50pF, RD = 500Ω,
S1 = OPEN
1.5
3.2
5.7
1.5
6.0
ns
Figure 1
Figure 3
5.0 ± 0.5
0.8
2.6
5.0
0.8
5.3
tPZL, tPZH
Output Enable
Time
1.65
CL = 50pF, RD = 500Ω,
RU
= 500Ω,
S1 = GND for tPZH,
S1 = VI for tPZL,
VI = 2 × VCC
2.0
8.4
15.0
2.0
15.6
ns
Figure 1
Figure 3
1.8
2.0
6.1
11.5
2
12
2.5 ± 0.2
1.5
3.8
8.0
1.5
8.5
3.3 ± 0.3
1.5
3.2
5.7
1.5
6.0
5.0 ± 0.5
0.8
2.3
5.0
0.8
5.3
tPLZ, tPHZ
Output Disable
Time
1.65
CL = 50 pF, RD = 500Ω,
RU
= 500Ω,
S1 = GND for tPHZ,
S1 = VI for tPLZ,
VI = 2 × VCC
2.0
6.5
13.2
2.0
14.5
ns
Figure 1
Figure 3
1.8
2.0
5.6
11
2.0
12
2.5 ± 0.2
1.0
4.0
8.0
1.0
8.5
3.3 ± 0.3
1.0
3.5
5.7
1.0
6.0
5.0 ± 0.5
0.5
2.5
4.7
0.5
5.0
CIN
Input
Capacitance
04
pF
COUT
Output
Capacitance
08
pF
CPD
Power Dissipation
Capacitance
3.3
(2)
17
pF
Figure 2
5.0
24


Similar Part No. - NC7SZ126M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ126M5X FAIRCHILD-NC7SZ126M5X Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126M5X FAIRCHILD-NC7SZ126M5X Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ126M5X ONSEMI-NC7SZ126M5X Datasheet
622Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126M5X ONSEMI-NC7SZ126M5X Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ126M5X-L22090 ONSEMI-NC7SZ126M5X-L22090 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
More results

Similar Description - NC7SZ126M5X

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G125 PERICOM-PI74ST1G125 Datasheet
556Kb / 6P
   Buffer with 3-State Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
logo
Pericom Semiconductor C...
PI74ST1G126 PERICOM-PI74ST1G126 Datasheet
336Kb / 5P
   Logic Buffer with 3-State Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com