Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP30N60 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SGP30N60
Description  Fast IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGP30N60 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SGP30N60 Datasheet HTML 4Page - Infineon Technologies AG SGP30N60 Datasheet HTML 5Page - Infineon Technologies AG SGP30N60 Datasheet HTML 6Page - Infineon Technologies AG SGP30N60 Datasheet HTML 7Page - Infineon Technologies AG SGP30N60 Datasheet HTML 8Page - Infineon Technologies AG SGP30N60 Datasheet HTML 9Page - Infineon Technologies AG SGP30N60 Datasheet HTML 10Page - Infineon Technologies AG SGP30N60 Datasheet HTML 11Page - Infineon Technologies AG SGP30N60 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SGP30N60
SGW30N60
8
Rev. 2.4 Sep. 08
0nC
50nC
100nC
150nC
200nC
0V
5V
10V
15V
20V
25V
480V
120V
0V
10V
20V
30V
10pF
100pF
1nF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC = 30A)
Figure 18. Typical capacitance as a
function of collector-emitter voltage
(VGE = 0V, f = 1MHz)
10V
11V
12V
13V
14V
15V
0
µs
5
µs
10
µs
15
µs
20
µs
25
µs
10V
12V
14V
16V
18V
20V
0A
50A
100A
150A
200A
250A
300A
350A
400A
450A
500A
VGE, GATE-EMITTER VOLTAGE
VGE, GATE-EMITTER VOLTAGE
Figure 19. Short circuit withstand time as a
function of gate-emitter voltage
(VCE = 600V, start at Tj = 25
°C)
Figure 20. Typical short circuit collector
current as a function of gate-emitter voltage
(VCE
≤ 600V, Tj = 150°C)


Similar Part No. - SGP30N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP30N60 INFINEON-SGP30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP30N60 INFINEON-SGP30N60 Datasheet
367Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.5 Nov. 09
SGP30N60HS INFINEON-SGP30N60HS Datasheet
76Kb / 4P
   HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SGP30N60HS INFINEON-SGP30N60HS Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGP30N60HS INFINEON-SGP30N60HS_09 Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
More results

Similar Description - SGP30N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP07N120 INFINEON-SGP07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com