Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP30N60 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SGP30N60
Description  Fast IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGP30N60 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SGP30N60 Datasheet HTML 4Page - Infineon Technologies AG SGP30N60 Datasheet HTML 5Page - Infineon Technologies AG SGP30N60 Datasheet HTML 6Page - Infineon Technologies AG SGP30N60 Datasheet HTML 7Page - Infineon Technologies AG SGP30N60 Datasheet HTML 8Page - Infineon Technologies AG SGP30N60 Datasheet HTML 9Page - Infineon Technologies AG SGP30N60 Datasheet HTML 10Page - Infineon Technologies AG SGP30N60 Datasheet HTML 11Page - Infineon Technologies AG SGP30N60 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SGP30N60
SGW30N60
10
Rev. 2.4 Sep. 08
5.44
0.55
6.04
5.49
1.68
3.68
4.17
20.82
16.25
15.70
1.05
3.50
19.80
13.10
3
MIN
1.90
4.90
2.27
1.07
1.85
1.90
0.238
0.216
0.066
0.145
0.164
0.075
0.820
0.640
0.618
0.022
0.193
0.089
0.042
0.073
0.041
0.075
0.138
0.780
0.516
0.68
6.30
6.00
17.65
2.60
5.10
14.15
3.70
21.10
16.03
20.31
1.35
4.47
2.41
5.16
2.53
1.33
2.11
MAX
2.16
0.027
0.214
3
0.248
0.236
0.695
0.557
0.102
0.201
0.831
0.631
0.053
0.146
0.799
0.176
MIN
MAX
0.095
0.203
0.099
0.052
0.083
0.085
0
7.5mm
5 5
0
17-12-2007
03
Z8B00003327
2.87
2.87
0.113
0.113
3.38
3.13
0.133
0.123
M
M
PG-TO247-3


Similar Part No. - SGP30N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP30N60 INFINEON-SGP30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP30N60 INFINEON-SGP30N60 Datasheet
367Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.5 Nov. 09
SGP30N60HS INFINEON-SGP30N60HS Datasheet
76Kb / 4P
   HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SGP30N60HS INFINEON-SGP30N60HS Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGP30N60HS INFINEON-SGP30N60HS_09 Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
More results

Similar Description - SGP30N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP07N120 INFINEON-SGP07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com