Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C256F-35T Datasheet(PDF) 5 Page - STMicroelectronics

Part # WS57C256F-35T
Description  HIGH SPEED 32K x 8 CMOS EPROM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C256F-35T Datasheet(HTML) 5 Page - STMicroelectronics

  WS57C256F-35T Datasheet HTML 1Page - STMicroelectronics WS57C256F-35T Datasheet HTML 2Page - STMicroelectronics WS57C256F-35T Datasheet HTML 3Page - STMicroelectronics WS57C256F-35T Datasheet HTML 4Page - STMicroelectronics WS57C256F-35T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ORDERING INFORMATION
OPERATING
WSI
PART NUMBER
TEMPERATURE MANUFACTURING
RANGE
PROCEDURE
WS57C256F-35C
35
32 Pad CLLCC
C2
Comm’l
Standard
WS57C256F-35D
35
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C256F-35J
35
32 Pin PLDCC
J4
Comm’l
Standard
WS57C256F-35L
35
32 Pin CLDCC
L3
Comm’l
Standard
WS57C256F-35P
35
28 Pin Plastic DIP, 0.6"
P3
Comm’l
Standard
WS57C256F-35T
35
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
WS57C256F-45C
45
32 Pad CLLCC
C2
Comm’l
Standard
WS57C256F-45D
45
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C256F-45P
45
28 Pin Plastic DIP, 0.6"
P3
Comm’l
Standard
WS57C256F-45T
45
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
WS57C256F-55C
55
32 Pad CLLCC
C2
Comm’l
Standard
WS57C256F-55CMB
55
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS57C256F-55D
55
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C256F-55DM
55
28 Pin CERDIP, 0.6"
D2
Military
Standard
WS57C256F-55DMB
55
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
WS57C256F-55J
55
32 Pin PLDCC
J4
Comm’l
Standard
WS57C256F-55L
55
32 Pin CLDCC
L3
Comm’l
Standard
WS57C256F-55P
55
28 Pin Plastic DIP, 0.6"
P3
Comm’l
Standard
WS57C256F-55T
55
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
WS57C256F-55TMB
55
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
WS57C256F-70CMB
*
70
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS57C256F-70D
70
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C256F-70DMB
*
70
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
WS57C256F-70J
70
32 Pin PLDCC
J4
Comm’l
Standard
WS57C256F-70JI
70
32 Pin PLDCC
J4
Industrial
Standard
WS57C256F-70T
70
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
SPEED
PACKAGE
PACKAGE
(ns)
TYPE
DRAWING
3-17
WS57C256F
NOTE: 11. The actual part marking will not include the initials "WS."
*SMD product. See section 4 for DESC SMD number.
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS
REFER TO
PAGE 5-1
The WS57C256F is programmed using Algorithm D shown on page 5-9.
When using Data I/O programmers, algorithm 57C256FB is recommended for use with the
WS57C256F for best programming results.
Return to Main Menu


Similar Part No. - WS57C256F-35T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-55 STMICROELECTRONICS-WS57C256F-55 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-55CMB STMICROELECTRONICS-WS57C256F-55CMB Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-55DMB STMICROELECTRONICS-WS57C256F-55DMB Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-55TMB STMICROELECTRONICS-WS57C256F-55TMB Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
More results

Similar Description - WS57C256F-35T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
ATMEL Corporation
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com