Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1780DG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1780DG4
Description  70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1780DG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD1780DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 9Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 10Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 11Page - Texas Instruments SN65HVD1780DG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PARAMETER MEASUREMENT INFORMATION
60
1%
W ±
V
OD
0Vor3V
_
+
–7V<V(test)<12V
DE
V
CC
A
B
D
375
1%
W ±
375
1%
W ±
S0301-02
V
OC
27
1%
W ±
27
1%
W ±
Input
A
B
V
A
V
B
V
OC(PP)
DVOC(SS)
V
OC
C =50pF
L
±20%
D
A
B
DE
V
CC
C IncludesFixtureand
L
InstrumentationCapacitance
S0302-01
V
OD
RL =54
1%
W
±
50 W
t
PLH
t
PHL
50%
50%
3V
» 2V
» –2V
90%
10%
0V
V
I
V
OD
t
r
t
f
C =50pF 20%
L
±
C IncludesFixture
L
andInstrumentation
Capacitance
D
A
B
DE
V
CC
V
I
Input
Generator
90%
0V
10%
S0303-01
0.5V
3V
0V
V
OH
» 0V
t
PHZ
t
PZH
50%
50%
V
I
V
O
50%
90%
R =110
L
W
± 1%
Input
Generator
50 W
3V
S1
C =50pF
L
±20%
C IncludesFixture
L
andInstrumentation
Capacitance
D
A
B
DE
V
O
V
I
S0304-01
SN65HVD1780
SN65HVD1781
SN65HVD1782
SLLS877E – DECEMBER 2007 – REVISED SEPTEMBER 2008 ...................................................................................................................................... www.ti.com
Input generator rate is 100 kbps, 50% duty cycle, rise and fall times less than 6 nsec, output impedance 50
Ω.
Figure 1. Measurement of Driver Differential Output Voltage With Common-Mode Load
Figure 2. Measurement of Driver Differential and Common-Mode Output With RS-485 Load
Figure 3. Measurement of Driver Differential Output Rise and Fall Times and Propagation Delays
NOTE: D at 3 V to test non-inverting output, D at 0 V to test inverting output.
Figure 4. Measurement of Driver Enable and Disable Times With Active High Output and Pulldown Load
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1780 SN65HVD1781 SN65HVD1782


Similar Part No. - SN65HVD1780DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1780QDRQ1 TI1-SN65HVD1780QDRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1780DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com