Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1782DRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1782DRG4
Description  70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1782DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD1782DRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 10Page - Texas Instruments SN65HVD1782DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
THERMAL INFORMATION
APPLICATION INFORMATION
Hot-Plugging
Receiver Failsafe
SN65HVD1780
SN65HVD1781
SN65HVD1782
www.ti.com ...................................................................................................................................... SLLS877E – DECEMBER 2007 – REVISED SEPTEMBER 2008
PARAMETER
TEST CONDITIONS
VALUE
UNIT
JEDEC high-K model
138
SOIC-8
JEDIC low-K model
242
RθJA Junction-to-ambient thermal resistance (no airflow)
°C/W
JEDEC high-K model
59
DIP-8
JEDIC low-K model
128
SOIC-8
62
RθJB Junction-to-board thermal resistance
°C/W
DIP-8
39
SOIC-8
61
RθJC Junction-to-case thermal resistamce
°C/W
DIP-8
61
VCC = 3.6V, TJ = 150°C, RL = 300 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
75
3.3-V supply, unterminated(1)
VCC = 3.6V, TJ = 150°C, RL = 100 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
95
3.3-V supply, RS-422 load(1)
VCC = 3.6V, TJ = 150°C, RL = 54 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
115
3.3-V supply, RS-485 load(1)
PD
Power dissipation
mW
VCC = 5.5V, TJ = 150°C, RL = 300 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
290
5-V supply, unterminated(1)
VCC = 5.5V, TJ = 150°C, RL = 100 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
320
5-V supply, RS-422 load(1)
VCC = 5.5V, TJ = 150°C, RL = 54 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
400
5-V supply, RS-485 load(1)
TSD
Thermal-shutdown junction temperature
170
°C
(1)
Driver and receiver enabled, 50% duty cycle square-wave signal at signaling rate: 1 Mbps.
These devices are designed to operate in "hot swap" or "hot pluggable" applications. Key features for
hot-pluggable applications are power-up, power-down glitch free operation, default disabled input/output pins,
and receiver failsafe. As shown in Figure 9, an internal Power-On Reset circuit keeps the driver outputs in a
high-impedance state until the supply voltage has reached a level at which the device will reliably operate. This
ensures that no problems will occur on the bus pin outputs as the power supply turns on or turns off.
As shown in the device FUNCTION TABLE, the enable inputs have the feature of default disable on both the
driver enable and receiver enable. This ensures that the device will neither drive the bus nor report data on the R
pin until the associated controller actively drives the enable pins.
The differential receiver is "failsafe" to invalid bus states caused by open bus conditions such as, a disconnected
connector, shorted bus conditions caused by damaged cabling, or idle bus conditions that occur when no driver
is actively driving a valid RD-485 bus state on the network. In any of these cases, the differential receiver will
output a failsafe HIGH state, so that small noise signals do not cause problems at the receiver output.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65HVD1780 SN65HVD1781 SN65HVD1782


Similar Part No. - SN65HVD1782DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1782 TI-SN65HVD1782 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1782-Q1 TI1-SN65HVD1782-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1782QDRQ1 TI1-SN65HVD1782QDRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1782DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com