Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402TF5N6 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 0402TF5N6
Description  SMD Thin Film (Ceramic) Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0402TF5N6 Datasheet(HTML) 1 Page - Frontier Electronics.

  0402TF5N6 Datasheet HTML 1Page - Frontier Electronics. 0402TF5N6 Datasheet HTML 2Page - Frontier Electronics. 0402TF5N6 Datasheet HTML 3Page - Frontier Electronics. 0402TF5N6 Datasheet HTML 4Page - Frontier Electronics. 0402TF5N6 Datasheet HTML 5Page - Frontier Electronics. 0402TF5N6 Datasheet HTML 6Page - Frontier Electronics. 0402TF5N6 Datasheet HTML 7Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors—0402TF series
SMD Thin Film Chip Inductor:
P/N 0402TF-series
Rev. C
July. 05, 2008. Page: 1 of 7
A. Electrical specifications:
Part
No.
L
(nH)
Tolerance
(% or nH)
Q
(Min)
SRF (min)
(GHz)
DCR (
Ω)
(Max)
I rms.
(mA)
0402TFN20
0.2
B, C, S
13/500MHz
14
0.10
800
0402TFN40
0.4
B, C, S
13/500MHz
14
0.10
800
0402TFN80
0.8
B, C, S
13/500MHz
14
0.15
700
0402TF1N0
1.0
B, C, S
13/500MHz
12
0.15
700
0402TF1N2
1.2
B, C, S
13/500MHz
12
0.15
700
0402TF1N5
1.5
B, C, S
13/500MHz
10
0.25
700
0402TF1N6
1.6
B, C, S
13/500MHz
10
0.25
560
0402TF1N6
1.8
B, C, S
13/500MHz
10
0.25
560
0402TF2N0
2.0
B, C, S
13/500MHz
8.0
0.35
560
0402TF2N2
2.2
B, C, S
13/500MHz
8.0
0.35
440
0402TF2N5
2.5
B, C, S
13/500MHz
8.0
0.35
440
0402TF2N7
2.7
B, C, S
13/500MHz
8.0
0.35
440
0402TF3N1
3.1
B, C, S
13/500MHz
6.0
0.45
380
0402TF3N3
3.3
B, C, S
13/500MHz
6.0
0.45
380
0402TF3N6
3.6
B, C, S
13/500MHz
6.0
0.55
380
0402TF3N9
3.9
B, C, S
13/500MHz
6.0
0.55
340
0402TF4N7
4.7
B, C, S
13/500MHz
6.0
0.65
320
0402TF5N6
5.6
B, C, S
13/500MHz
6.0
0.85
280
0402TF5N9
5.9
B, C, S
13/500MHz
6.0
0.85
280
0402TF6N8
6.8
B, C, S
13/500MHz
6.0.
1.05
260
0402TF7N2
7.2
B, C, S
13/500MHz
6.0
1.05
260
0402TF8N0
8.0
B, C, S
13/500MHz
5.5
1.25
220
0402TF8N2
8.2
B, C, S
13/500MHz
5.5
1.25
220
0402TF9N1
9.1
B, C, S
13/500MHz
5.5
1.25
220
0402TF10N
10.0
J, H, G, F
13/500MHz
4.5
1.35
200
0402TF12N
12.0
J, H, G, F
13/500MHz
3.7
1.55
180
0402TF13N8
13.8
J, H, G, F
13/500MHz
3.7
1.75
180
0402TF15N
15.0
J, H, G, F
13/500MHz
3.3
1.75
130
0402TF17N
17.0
J, H, G, F
13/500MHz
3.1
1.95
100
0402TF18N
18.0
J, H, G, F
13/500MHz
3.1
2.15
100
0402TF20N8
20.8
J, H, G, F
13/500MHz
2.8
2.55
90
0402TF22N
22.0
J, H, G, F
13/500MHz
2.8
2.65
90
0402TF27N
27.0
J, H, G, F
13/500MHz
2.5
3.25
75
0402TF33N
33.0
J
13/500MHz
2.5
4.50
75
Parts are RoHS compliant.


Similar Part No. - 0402TF5N6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF5N6 FRONTIER-0402TF5N6 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF5N6 FRONTIER-0402TF5N6 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
More results

Similar Description - 0402TF5N6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0201TF FRONTIER-0201TF Datasheet
293Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
0402TFN20 FRONTIER-0402TFN20_11 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF FRONTIER-0402TF_15 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
TFL ETC2-TFL Datasheet
499Kb / 8P
   SMD Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com