Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402TF9N1 Datasheet(PDF) 7 Page - Frontier Electronics.

Part # 0402TF9N1
Description  SMD Thin Film (Ceramic) Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0402TF9N1 Datasheet(HTML) 7 Page - Frontier Electronics.

  0402TF9N1 Datasheet HTML 1Page - Frontier Electronics. 0402TF9N1 Datasheet HTML 2Page - Frontier Electronics. 0402TF9N1 Datasheet HTML 3Page - Frontier Electronics. 0402TF9N1 Datasheet HTML 4Page - Frontier Electronics. 0402TF9N1 Datasheet HTML 5Page - Frontier Electronics. 0402TF9N1 Datasheet HTML 6Page - Frontier Electronics. 0402TF9N1 Datasheet HTML 7Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors—0402TF series
SMD Thin Film Chip Inductor:
P/N 0402TF-series
Rev. C
July. 05, 2008. Page: 7 of 7
F. Reel Specification:
φA
φB
φC
W
T
Quantity
178 ±1
60.2 ± 0.5
130. ± 0.50 13.2 ± 1.50 16.0 ± 0.20 10,000 PCS
G. Paper Tape Specification:
A
B
W
E
F
Po
P1
P2
φDo
T
0.67
±0.03
1.15
±0.03
8.00
±0.10
1.75
±0.05
3.50
±0.05
4.00
±0.10
2.00
±0.05
1.45
±0.05
1.5
±0.03
0.40
±0.03
H. Environmental Characteristics:
Tape & Reel Storage Temperature: 25ºC ± 3ºC, Humidity: < 80% RH.
ITEM
Specification
Test Method
JIS-C-5202-6.1.4
1 Bending Test
As SPEC.
Bending Amplitude 3mm for 10 seconds
MIL-STD-202F Method 301.
2 Dielectric Withstand Voltage
>100V
Apply 100VA (rms) for 1minute.
MIL-STD-202F Method 302
3 Insulation Resistance
>1000MΩ
Apply 100VDC for 1minute.
MIL-STD-202F Method 210E
4 Resistance to Soldering Heat
△≦
10%
260ºC ± 5ºC, 10±1seconds
JIS-C-5202-7.2
5 High Temperature Exposure
△≦
10%
85ºC ± 2ºC, 1000 +48/-0 hours
MIL-STD-202F Method 103B
6 Moisture Resistance
△≦
10%
40ºC ± 2ºC, 90~95%RH, 1000 +48/-0 hours
JIS-C-5202-7.1
7 Low Temperature Storage
△≦
10%
-40ºC ± 3ºC, 1000 +48/-0 hours
JIS-C-5202-7.4
8 Temperature Cycle
△≦
10%
-40/RT/85/RT, 10 cycles
MIL-STD-202F Method 208H
9 Solder-ability
95% min
coverage
245ºC ± 5ºC, 2 ± 0.5(sec)


Similar Part No. - 0402TF9N1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF9N1 FRONTIER-0402TF9N1 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF9N1 FRONTIER-0402TF9N1 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
More results

Similar Description - 0402TF9N1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0201TF FRONTIER-0201TF Datasheet
293Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
0402TFN20 FRONTIER-0402TFN20_11 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF FRONTIER-0402TF_15 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
TFL ETC2-TFL Datasheet
499Kb / 8P
   SMD Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com