Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CST042C-470M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CST042C-470M
Description  SMD Power Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CST042C-470M Datasheet(HTML) 1 Page - Frontier Electronics.

  CST042C-470M Datasheet HTML 1Page - Frontier Electronics. CST042C-470M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Power Choke: P/N CST042C-series
Rev. A
Jan. 01 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke—CST042C
A. Electrical specifications:
Part
No.
Mark
L (uH) @
100KHz, 0A DC
DCR
(Max.)
L (uH) @
Rated I rms.
Rated
I rms.
Max. Energy
Storage ( Joules)
Switching
Freq. (max.)
CST042C-1R0M
1R0
1.00
0.065
0.60
2.00
1.8
1MHz
CST042C-1R5M
1R5
1.50
0.070
0.80
1.90
1.8
1MHz
CST042C-2R2M
2R2
2.20
0.075
0.90
1.50
1.8
1MHz
CST042C-3R3M
3R3
3.30
0.080
1.50
1.20
1.4
1MHz
CST042C-4R7M
4R7
4.70
0.085
2.00
1.20
1.6
1MHz
CST042C -6R8M
6R8
6.80
0.090
3.00
1.00
1.9
1MHz
CST042C -100M
100
10.0
0.125
5.00
0.70
1.2
1MHz
CST042C -150M
150
15.0
0.135
6.00
0.60
1.1
1MHz
CST042C -220M
220
22.0
0.160
10
0.50
1.2
1MHz
CST042C -330M
330
33.0
0.275
12
0.45
1.5
1MHz
CST042C-470M
470
47.0
0.300
20
0.34
1.3
1MHz
CST042C-680M
680
68.0
0.575
30
0.29
1.4
1MHz
CST042C-101M
101
100
1.100
40
0.24
1.5
1MHz
CST042C-151M
151
150
1.400
60
0.20
1.4
500KHz
CST042C-221M
221
220
2.250
90
0.17
1.6
500KHz
CST042C-331M
331
330
2.900
100
0.16
1.4
500KHz
CST042C-471M
471
470
3.600
150
0.14
1.5
500KHz
CST042C-681M
681
680
4.550
200
0.12
1.4
500KHz
CST042C-102M
102
1000
8.100
400
0.08
1.4
500KHz
B. Mechanical dimensions: (Unit: mm):
SERIES
A (max.)
B (max.)
C (max.)
D(Ref.)
E
F
G
CST042C
4.45
6.60
2.92
4.06
3.56
4.06
1.40
C. Features:
1. Tolerance: M: ± 20%.
2. Operating temperature: -25ºC TO +85ºC
3. Electrical specifications at +25ºC.
4. Inductance measured on the HP4284A LCR meter.
5. DCR measured on the 502BC milli-ohm meter.
6. Temperature rises
∆ t < 15ºC (Typical) at rated I rms.
7. Average maximum allowable current: CST042C series are designed for current spikes as high as 2 times the current rated.
8. Inductance range: CST 042C series from 1.0uH(2.00A) to 1000uH(0.08A).
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
C
1.02
4.32
1.02
B
G
F
E
XXX
Land Pattern
G


Similar Part No. - CST042C-470M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CST042C FRONTIER-CST042C Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Similar Description - CST042C-470M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1260S FRONTIER-CSH1260S Datasheet
142Kb / 2P
   SMD Power Choke
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
   SMD Power Choke
CSN042C FRONTIER-CSN042C Datasheet
163Kb / 2P
   SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
   SMD Power Choke
CSN1485F FRONTIER-CSN1485F Datasheet
133Kb / 1P
   SMD Power Choke
CSC042A FRONTIER-CSC042A Datasheet
155Kb / 2P
   SMD Power Choke
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
   SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Frontier Electronics.
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
   SMD Power Choke (Shielded)
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com