Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGOF5S3-12.800 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # AGOF5S3-12.800
Description  14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

AGOF5S3-12.800 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  AGOF5S3-12.800 Datasheet HTML 1Page - Connor-Winfield Corporation AGOF5S3-12.800 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx017
02
7/22/03
www.conwin.com
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 20 cycles,10 minute dwell, 1m inute
transition.
Gross Leak Test: Per MIL-STD-202, Method 112, Condition D. No bubbles in flourinert (FC-43) at 125°C ±5°C for 20
seconds.
SOLDERING
Pin Solderability: Per MIL-STD-883, Method 200. 8 hour steam age prior to 254°C ±5°C Solder pot dip, 95% Coverage.
Resistance to Solder Heat: Per MIL-STD-202, Method 210, Condition C. Wave: Topside board -mount product, 260°C
±5°C for 20 Seconds.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15mi nute cycles 12 times each
perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition D. 500G’s, 1ms, half sine, 3 shocks per direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.
+5.0Vdc


Similar Part No. - AGOF5S3-12.800

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AGOF5S3P CONNOR-WINFIELD-AGOF5S3P Datasheet
155Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 PLUS HCMOS OCXO
AGOF5S3P-10.00 CONNOR-WINFIELD-AGOF5S3P-10.00 Datasheet
155Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 PLUS HCMOS OCXO
More results

Similar Description - AGOF5S3-12.800

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
CGOF5S3 CONNOR-WINFIELD-CGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
DGOF5S3 CONNOR-WINFIELD-DGOF5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
AGOF5S3P CONNOR-WINFIELD-AGOF5S3P Datasheet
155Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 PLUS HCMOS OCXO
CGOV5S3 CONNOR-WINFIELD-CGOV5S3 Datasheet
211Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 OCXO
BGOV5S3 CONNOR-WINFIELD-BGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 OCXO
AGOF3S3 CONNOR-WINFIELD-AGOF3S3 Datasheet
220Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO
CGOF3S3 CONNOR-WINFIELD-CGOF3S3 Datasheet
219Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO
OVA5AA1AB CONNOR-WINFIELD-OVA5AA1AB Datasheet
221Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVA5AB1AA CONNOR-WINFIELD-OVA5AB1AA Datasheet
152Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com