Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT150-2A Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SMT150-2A
Description  Surface Mount Transformer/Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SMT150-2A Datasheet(HTML) 2 Page - Frontier Electronics.

  SMT150-2A Datasheet HTML 1Page - Frontier Electronics. SMT150-2A Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Xfmr: P/N SMTxxx-series
Rev. A
Jan, 01, 2006. Page 2 of 2
Frontier Electronics Corp.
667E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Surface Mount Transformer/Inductor
C. Electrical specification:
(The parts below are made with low loss Iron Powder Core material.)
Parallel Ratings
Series Ratings
Part
No.
L
(uH)
Current
(Amps)
DCR
(
Ω)
L
(uH)
Current
(Amps)
DCR
(
Ω)
Size
(Type)
Test
Freq.
(KHz)
SMT10-1A
10
2.50
0.046
40
1.250
0.184
SMT20-1A
20
1.60
0.119
80
0.800
0.480
SMT50-1A
50
1.02
0.217
200
0.510
0.870
SMT82-1A
82
0.73
0.444
328
0.365
1.78
SMT100-1A
100
0.73
0.469
400
0.365
1.88
SMT200-1A
200
0.50
0.810
800
0.250
3.22
SMT300-1A
300
0.42
0.950
1200
0.210
3.73
1
1
SMT10-2A
10
4.00
0.036
40
2.000
0.150
SMT20-2A
20
2.10
0.740
80
1.050
0.300
SMT50-2A
50
1.35
0.242
200
0.575
0.970
SMT100-2A
100
0.98
0.332
400
0.475
1.33
SMT150-2A
150
0.72
0.603
600
0.360
2.42
SMT250-2A
250
0.60
0.881
1000
0.300
3.53
SMT300-2A
300
0.55
0.930
1200
0.275
3.72
2
1
(The parts below are made with high frequency, low loss Sendust core material.)
Parallel Ratings
Series Ratings
Part
No.
L
(uH)
Current
(Amps)
DCR
(
Ω)
L
(uH)
Current
(Amps)
DCR
(
Ω)
Size
(Type)
Test
Freq.
(KHz)
SMT10-1MA
10
2.50
0.040
40
1.250
0.160
SMT20-1MA
20
1.60
0.093
80
0.800
0.372
SMT50-1MA
50
1.02
0.175
200
0.510
0.700
SMT82-1MA
82
0.73
0.320
328
0.365
1.280
SMT100-1MA
100
0.73
0.375
400
0.365
1.500
SMT200-1MA
200
0.50
0.448
800
0.250
1.792
SMT300-1MA
300
0.42
0.733
1200
0.210
2.932
1M
1
SMT10-2MA
10
4.00
0.021
40
2.000
0.084
SMT20-2MA
20
2.10
0.042
80
1.050
0.158
SMT50-2MA
50
1.35
0.066
200
0.575
0.352
SMT100-2MA
100
0.88
0.158
400
0.475
0.632
SMT150-2MA
150
0.72
0.170
600
0.360
0.680
SMT250-2MA
250
0.62
0.420
1000
0.300
1.680
SMT300-2MA
300
0.55
0.560
1200
0.275
2.240
2M
1
Note:
RoHS compliant; for the RoHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - SMT150-2A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SMT1500I SCHNEIDER-SMT1500I Datasheet
135Kb / 3P
   APC Smart-UPS 1500VA LCD 230V
May 8, 2018
SMT1500RM2UNC SCHNEIDER-SMT1500RM2UNC Datasheet
76Kb / 3P
   APC Smart-UPS 1500VA LCD RM 2U 120V with Network Card (Not for sale in CO, VT or WA)
SMT1500RMI2U SCHNEIDER-SMT1500RMI2U Datasheet
82Kb / 3P
   APC Smart-UPS 1500VA LCD RM 2U 230V
SMT1500X413 SCHNEIDER-SMT1500X413 Datasheet
114Kb / 4P
   APC Smart-UPS 1500VA LCD 120V Audible Alarm Disabled (Not for sale in CO, VT or WA)
Jul 21, 2021
SMT1500X448 SCHNEIDER-SMT1500X448 Datasheet
96Kb / 4P
   APC Smart-UPS 1500VA LCD 120V with AP9631 Installed (Not for sale in CO, VT or WA)
Jul 21, 2021
More results

Similar Description - SMT150-2A

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-31302 RHOMBUS-IND-L-31302 Datasheet
17Kb / 1P
   Surface Mount Multiple Winding Inductor/Transformer
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25UH PDI-XFA-0101-25UH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4W PDI-XFA-0301-4W Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFK-0401-4W PDI-XFK-0401-4W Datasheet
52Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-1BH PDI-XFA-0101-1BH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-16U PDI-XFA-0101-16U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-2WH PDI-XFA-0301-2WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4B PDI-XFA-0301-4B Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0401-4WH PDI-XFA-0401-4WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com