Electronic Components Datasheet Search |
|
Z0402SF Datasheet(PDF) 5 Page - STMicroelectronics |
|
Z0402SF Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 8 page Z04 Ordering information scheme 5/8 2 Ordering information scheme Table 5. Product selector Part Number Voltage Sensitivity Type Package 600 V 700 V 800 V Z0402MF X 3 mA Standard TO202-3 Z0402SF X 3 mA Z0402NF X 3 mA Z0405MF X 5 mA Z0405SF X 5 mA Z0405NF X 5 mA Z0409MF X 10 mA Z0409SF X 10 mA Z0409NF X 10 mA Z0410MF X 25 mA Z0410SF X 25 mA Z0410NF X 25 mA Z 04 xx y F 0AA2 [BLANK] Triac series Current Sensitivity Voltage Package Packing mode 04 = 4A 02 = 3mA 05 = 5mA 09 = 10mA 10 = 25mA M = 600V S = 700V N = 800V F = TO202-3 0AA2 = Tube |
Similar Part No. - Z0402SF |
|
Similar Description - Z0402SF |