Electronic Components Datasheet Search |
|
Z0607MA Datasheet(PDF) 1 Page - STMicroelectronics |
|
Z0607MA Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 6 page ® 1/6 Table 1: Main Features DESCRIPTION The Z00607MA is suitable for low power AC switching applications, such as fan speed, small light controllers... Thanks to low gate triggering current, it can be directly driven by microcontrollers. Symbol Value Unit IT(RMS) 0.8 A VDRM/VRRM 600 V IGT (Q 1) 5mA Z00607MA 0.8A TRIAC REV. 7 September 2005 STANDARD Table 2: Order Codes Part Numbers Marking Z00607MA 1BA2 Z0607MA Z00607MA 2BL2 Z0607MA Z00607MA 5BL2 Z0607MA TO-92 A2 A1 G G A1 A2 Table 3: Absolute Maximum Ratings Symbol Parameter Value Unit IT(RMS) RMS on-state current (full sine wave) Tl = 50°C 0.8 A ITSM Non repetitive surge peak on-state current (full cycle, Tj initial = 25°C) F = 50 Hz t = 20 ms 9 A F = 60 Hz t = 16.7 ms 9.5 I²tI²t Value for fusing tp = 10 ms 0.45 A²s dI/dt Critical rate of rise of on-state cur- rent IG = 2 x IGT , tr ≤ 100 ns F = 120 Hz Tj = 110°C 20 A/µs IGM Peak gate current tp = 20 µs Tj = 110°C 1A PG(AV) Average gate power dissipation Tj = 110°C 0.1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 110 °C |
Similar Part No. - Z0607MA |
|
Similar Description - Z0607MA |