Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF100505-22NJ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # TF100505-22NJ
Description  Multi-layers Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TF100505-22NJ Datasheet(HTML) 1 Page - Frontier Electronics.

  TF100505-22NJ Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer chip inductor: P/N TF100505 (0402)-series
Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Multi-layers Chip Inductors--TF100505 (0402) Series—Ceramic
A. Electrical specifications:
Q Typical
Part
No.
L @100MHz
(nH)
Tolerance
@100MHz
@800MHz
SRF min.
(MHz)
DCR
(Max)
I rms.
(mA)
TF100505-1N0S
1.0
S
10
28
6000
0.10
300
TF100505-1N2S
1.2
S
9
28
6000
0.10
300
TF100505-1N5S
1.5
S
10
30
6000
0.10
300
TF100505-1N8S
1.8
S
10
28
6000
0.10
300
TF100505-2N2S
2.2
S
10
30
6000
0.20
300
TF100505-2N7S
2.7
S
10
30
5500
0.20
300
TF100505-3N3_
3.3
S, K
10
30
5000
0.30
300
TF100505-3N9_
3.9
S, K
11
31
4700
0.30
300
TF100505-4N7_
4.7
S, K
10
30
4300
0.40
300
TF100505-5N6_
5.6
S, K
11
31
4000
0.40
300
TF100505-6N8_
6.8
J, K
10
31
3650
0.50
300
TF100505-8N2_
8.2
J, K
12
34
3200
0.50
300
TF100505-10N_
10.0
J, K
12
32
2800
0.60
300
TF100505-12N_
12.0
J, K
12
31
2700
0.60
300
TF100505-15N_
15.0
J, K
11
30
2200
0.70
300
TF100505-18N_
18.0
J, K
11
29
2000
0.8
300
TF100505-22N_
22.0
J, K
11
28
1800
0.90
300
TF100505-27N_
27.0
J, K
12
27
1600
1.00
300
TF100505-33N_
33.0
J, K
10
25
1700
1.50
200
TF100505-39N_
39.0
J, K
10
25
1650
1.80
200
TF100505-47N_
47.0
J, K
9
23
1300
2.00
200
B. Dimensions: [Unit: mm /( inch)]
P/N & Package Size
A
B
C
D (min.)
TF100505
(0402)
1.0 ± 0.1
(0.04 ±0.004)
0.5 ± 0.1
(0.020 ± 0.004)
0.5 ± 0.1
(0.020±0.004)
0.100
(0.004)
C. Part Number Key & Mechanical drawing:
D. Features:
1. Tolerance: K: ±10%, J: ±5%, D: ±0.5nH, S: ±0.3nH.
2. The product’s material: Ceramic.
3. No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
4. Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
5. The completely monolithic structure gives high reliability and allows high SRF.
6. Operating temperature range:
−25°C to +85°C.
7. Both flow and IR re-flow application are possible.
8. Inductance Range:
*TF1005 (0402) Series: Multi-layer Ceramic Chip Inductor, from 1.0 nH (300mA) to 47.0 nH (200mA)
Note: For “RoHS” parts, we add “-LFR” after the part number.


Similar Part No. - TF100505-22NJ

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF100505-22N FRONTIER-TF100505-22N Datasheet
125Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
More results

Similar Description - TF100505-22NJ

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF2012 FRONTIER-TF2012 Datasheet
36Kb / 1P
   Multi-layers Chip Inductors
TF160808 FRONTIER-TF160808 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
FL2012 FRONTIER-FL2012 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
FL3216 FRONTIER-FL3216 Datasheet
35Kb / 1P
   Multi-layers Chip Inductors
FL160808 FRONTIER-FL160808 Datasheet
35Kb / 1P
   Multi-layers Chip Inductors
logo
Bourns Electronic Solut...
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
   Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
   Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
   Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
   Multi-Layer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com